![]() |
Electronic Components Datasheet Search |
|
ZR28501 Datasheet (PDF) - Zetex Semiconductors |
ZR28501 Datasheet (HTML) - Zetex Semiconductors |
ZR28501 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | ZR28501 |
Download | ZR28501 Click to view |
File Size | 82.43 Kbytes |
Page | 4 Pages |
Maker | ZETEX [Zetex Semiconductors] |
Homepage | http://www.diodes.com/ |
Logo | |
Description | PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
ADT6501 | Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 | 1 2 3 4 5 More | Analog Devices |
MAX6602 | Five-Channel Precision Temperature Monitor | 1 2 3 4 5 More | Maxim Integrated Products |
CY7C4282V | 64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion | 1 2 3 4 5 More | Cypress Semiconductor |
WS628128 | VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT | 1 2 3 4 5 More | Wing Shing Computer Components |
Datasheet Page |
1 2 3 4 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |