Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17614ATP+ Datasheet (PDF) - Analog Devices

MAX17614ATP+ Datasheet PDF - Analog Devices
Part # MAX17614ATP+
Download  MAX17614ATP+ Download
File Size   2244.41 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5V to 60V, 3A, Ideal Diode/Power Source Selector with Current Limit, UV, OV Protection

MAX17614ATP+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17614ATP+ Datasheet PDF - Analog Devices

Part # MAX17614ATP+
Download  MAX17614ATP+ Click to download

File Size   2244.41 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5V to 60V, 3A, Ideal Diode/Power Source Selector with Current Limit, UV, OV Protection

MAX17614ATP+ Datasheet (HTML) - Analog Devices


MAX17614ATP+ Product details

Product Highlights
• Ideal Diode Operation
• Fast Reverse Current-Blocking Protection(140ns)
• Seamless Power Source Switchover
• Robust Protection Reduces System Downtime
• Wide Input Supply Range: +4.5V to +60V
• Hot Plug-in Tolerant without transient voltage
suppressor (TVS) up to 35V Input Supply
• Negative Input Tolerance to -65V
• Low RON 130mΩ (typ)
• Thermal Shutdown Protection
• Programmable Startup Blanking Time
• Extended -40°C to +125°C Temperature Range
• Flexible Design Options Enable Reuse and Less
Requalification
• Adjustable Input Undervoltage Lockout (UVLO)
and Overvoltage Lockout (OVLO) Thresholds
• Programmable Forward-Current Limit: 0.15A to
0.3A with +3.6% and -3.3% Accuracy and 0.3A to
3A with ±3.3% Accuracy Over Full Temperature
Range
• Programmable Current Limit Fault Response:
Autoretry, Continuous, and Latch-Off Modes
• Built-in Fault Indication Signals: UVOV and FLAG
• Saves Board Space and Reduces External BOM
Count
• 20-Pin, 4mm x 4mm, TQFN-EP Package
• Integrated Back-to-Back nFETs
• Tight Current Limit Accuracy
Battery-operated electronics as well as battery
chargers need tight current limit accuracy to protect
against overcurrent faults. The MAX17614 with its
±3.3% tight current limit accuracy provides robust
overcurrent protection in these applications.

Key Applications
• Small Total Solution Size
The MAX17614 with its integrated nFETs enables up
to 40% smaller solution size in space-constrained
equipment. Applications include ideal diode
implementations and power source selectors where
the end equipment needs to supply the load from
more than one power source.
• Faster Response Times
Faster fault exit response times enable the
MAX17614 to reduce output hold-up capacitor size
up to 50% in Priority Power Source Selector
applications, where the end equipment input supply
transitions between a higher priority power source
and a backup power source.




Similar Part No. - MAX17614ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1761 MAXIM-MAX1761 Datasheet
473Kb / 23P
Small, Dual, High-Efficiency Buck Controller for Notebooks
19-1835; Rev 0; 10/00
MAX17610 MAXIM-MAX17610 Datasheet
619Kb / 21P
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17610ATC+T MAXIM-MAX17610ATC+T Datasheet
619Kb / 21P
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17610EVKIT MAXIM-MAX17610EVKIT Datasheet
787Kb / 9P
MAX17610 ??4.5V to 60V, 1A, Reverse-Voltage Protector with Forward Current Limit
Rev 0; 3/18
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
More results


Similar Description - MAX17614ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17613A MAXIM-MAX17613A Datasheet
827Kb / 28P
4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 2/19
MAX17609EVKIT MAXIM-MAX17609EVKIT Datasheet
858Kb / 9P
MAX17609 – 4.5V to 60V, 1A, OV, UV Protector with Forward Current Limit
Rev 0; 3/18
MAX17613BEVKIT MAXIM-MAX17613BEVKIT Datasheet
706Kb / 12P
MAX17613B - 4.5V to 60V, 3A, OV, UV Protector with Forward Current Limit
Rev 0; 4/19
MAX17613AEVKIT MAXIM-MAX17613AEVKIT Datasheet
699Kb / 12P
MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19
MAX17612BEVKIT MAXIM-MAX17612BEVKIT Datasheet
729Kb / 9P
MAX17612B 4.5V to 60V, 250mA, Current-Limiter with OV, UV Protection
Rev 0; 9/18
MAX17612AEVKIT MAXIM-MAX17612AEVKIT Datasheet
785Kb / 9P
MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18
MAX17608 MAXIM-MAX17608 Datasheet
619Kb / 21P
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17526A MAXIM-MAX17526A Datasheet
772Kb / 27P
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 1; 11/18
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
MAX17526A MAXIM-MAX17526A_V01 Datasheet
994Kb / 27P
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com