Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE5690G Datasheet (PDF) - List of Unclassifed Manufacturers

XE5690G Datasheet PDF - List of Unclassifed Manufacturers
Part # XE5690G
Download  XE5690G Download

File Size   70.82 Kbytes
Page   16 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Worldst Smallest Complete V.90 Modem

XE5690G Datasheet (PDF)

Go To PDF Page Download Datasheet
XE5690G Datasheet PDF - List of Unclassifed Manufacturers

Part # XE5690G
Download  XE5690G Click to download

File Size   70.82 Kbytes
Page   16 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Worldst Smallest Complete V.90 Modem

XE5690G Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button XE5690G Datasheet HTML 1Page - List of Unclassifed Manufacturers XE5690G Datasheet HTML 2Page - List of Unclassifed Manufacturers XE5690G Datasheet HTML 3Page - List of Unclassifed Manufacturers XE5690G Datasheet HTML 4Page - List of Unclassifed Manufacturers XE5690G Datasheet HTML 5Page - List of Unclassifed Manufacturers XE5690G Datasheet HTML 6Page - List of Unclassifed Manufacturers XE5690G Datasheet HTML 7Page - List of Unclassifed Manufacturers XE5690G Datasheet HTML 8Page - List of Unclassifed Manufacturers XE5690G Datasheet HTML 9Page - List of Unclassifed Manufacturers XE5690G Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

XE5690G Product details

[Xecom]

Description
The XE900S-500 combines a spread spectrum transceiver and micro-controller in a single, easy-to-use, FCC Part 15 Registered module. The embedded communications controller manages the Frequency Hopping Spread Spectrum (FHSS) link and the host system interface.

Features
* Small Size: 1.295” by 1.410” by 0.255”
* Serial Control and Configuration of the Wireless Link.
* Supports a 254 node point-to-multipoint network
* Programmable Transmit Power Output 100 to 500 mW.
* Typical Receiver Sensitivity -100 dBm
* Obstructed signal range to 1000 feet;
* Wireless Data Rate 76.8K bps, half-duplex
* Low power Consumption
    XE900S-500: 1000 mA @ 3.3 Volts; when transmitting at 500 mW output power; less than 1 mA of current flows in Sleep Mode or Power-Down modes
* SensorOnAirTM (patent pending) allows direct connection of sensors to the Smart Transceiver
* Count-OffTM (patent pending) allows the host node to download the status of all nodes in under 10 seconds.
* Operating Temperature Range of -40 to +85 C
* FCC Part 15 Registered



Similar Part No. - XE5690G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
More results


Similar Description - XE5690G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
logo
Filtran LTD
7197 FILTRAN-7197 Datasheet
183Kb / 1P
   V.90 Modem transformer
6647 FILTRAN-6647 Datasheet
87Kb / 1P
   V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
   V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
   V.90 Modem Transformer
7250 FILTRAN-7250 Datasheet
118Kb / 1P
   V.90 Modem Transformer
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
Allied Components Inter...
AEL127-4435 ALLIED-AEL127-4435 Datasheet
612Kb / 1P
   EL12.7 V.90 Modem Transformer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com