Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE900S Datasheet (PDF) - List of Unclassifed Manufacturers

XE900S Datasheet PDF - List of Unclassifed Manufacturers
Part # XE900S
Download  XE900S Download

File Size   70.51 Kbytes
Page   16 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Smart Spread Spectrum Transceiver

XE900S Datasheet (PDF)

Go To PDF Page Download Datasheet
XE900S Datasheet PDF - List of Unclassifed Manufacturers

Part # XE900S
Download  XE900S Click to download

File Size   70.51 Kbytes
Page   16 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Smart Spread Spectrum Transceiver

XE900S Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button XE900S Datasheet HTML 1Page - List of Unclassifed Manufacturers XE900S Datasheet HTML 2Page - List of Unclassifed Manufacturers XE900S Datasheet HTML 3Page - List of Unclassifed Manufacturers XE900S Datasheet HTML 4Page - List of Unclassifed Manufacturers XE900S Datasheet HTML 5Page - List of Unclassifed Manufacturers XE900S Datasheet HTML 6Page - List of Unclassifed Manufacturers XE900S Datasheet HTML 7Page - List of Unclassifed Manufacturers XE900S Datasheet HTML 8Page - List of Unclassifed Manufacturers XE900S Datasheet HTML 9Page - List of Unclassifed Manufacturers XE900S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

XE900S Product details

[Xecom]

Description
The XE900S-500 combines a spread spectrum transceiver and micro-controller in a single, easy-to-use, FCC Part 15 Registered module. The embedded communications controller manages the Frequency Hopping Spread Spectrum (FHSS) link and the host system interface.

Features
* Small Size: 1.295” by 1.410” by 0.255”
* Serial Control and Configuration of the Wireless Link.
* Supports a 254 node point-to-multipoint network
* Programmable Transmit Power Output 100 to 500 mW.
* Typical Receiver Sensitivity -100 dBm
* Obstructed signal range to 1000 feet;
* Wireless Data Rate 76.8K bps, half-duplex
* Low power Consumption
    XE900S-500: 1000 mA @ 3.3 Volts; when transmitting at 500 mW output power; less than 1 mA of current flows in Sleep Mode or Power-Down modes
* SensorOnAirTM (patent pending) allows direct connection of sensors to the Smart Transceiver
* Count-OffTM (patent pending) allows the host node to download the status of all nodes in under 10 seconds.
* Operating Temperature Range of -40 to +85 C
* FCC Part 15 Registered




Similar Part No. - XE900S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE900SL10 ETC1-XE900SL10 Datasheet
72Kb / 16P
   Miniature Spread Spectrum Transceiver
More results


Similar Description - XE900S

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
   Spread-Spectrum Transceiver
logo
RF Micro Devices
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
   2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2958 RFMD-RF2958 Datasheet
235Kb / 20P
   2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
List of Unclassifed Man...
XE900SL10 ETC1-XE900SL10 Datasheet
72Kb / 16P
   Miniature Spread Spectrum Transceiver
logo
RF Micro Devices
RF2938 RFMD-RF2938 Datasheet
528Kb / 20P
   2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
logo
Synaptics Incorporated.
RF109 CONEXANT-RF109 Datasheet
100Kb / 12P
   2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
logo
Murata Manufacturing Co...
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
Murata Manufacturing Co...
DNT90PA MURATA-DNT90PA Datasheet
158Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
List of Unclassifed Man...
SS1102C ETC1-SS1102C Datasheet
1Mb / 129P
   Integrated MCU with Spread-Spectrum Transceiver (SST)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com