Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTP8800-1A Datasheet (PDF) - Analog Devices

LTP8800-1A Datasheet PDF - Analog Devices
Part # LTP8800-1A
Download  LTP8800-1A Download

File Size   2536.42 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150A DC/DC μModule Regulator with PMBus Interface

LTP8800-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
LTP8800-1A Datasheet PDF - Analog Devices

Part # LTP8800-1A
Download  LTP8800-1A Click to download

File Size   2536.42 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150A DC/DC μModule Regulator with PMBus Interface

LTP8800-1A Datasheet (HTML) - Analog Devices

Back Button LTP8800-1A Datasheet HTML 1Page - Analog Devices LTP8800-1A Datasheet HTML 2Page - Analog Devices LTP8800-1A Datasheet HTML 3Page - Analog Devices LTP8800-1A Datasheet HTML 4Page - Analog Devices LTP8800-1A Datasheet HTML 5Page - Analog Devices LTP8800-1A Datasheet HTML 6Page - Analog Devices LTP8800-1A Datasheet HTML 7Page - Analog Devices LTP8800-1A Datasheet HTML 8Page - Analog Devices LTP8800-1A Datasheet HTML 9Page - Analog Devices LTP8800-1A Datasheet HTML 10Page - Analog Devices Next Button 

LTP8800-1A Product details

DESCRIPTION
The LTP™8800-1A is a 150A step-down μModule regulator
that provides microprocessor core voltage from 54V
power distribution architecture. It features remote configurability
and telemetry monitoring of power management
parameters over PMBus—an open standard I2C-based
digital interface protocol. The LTP8800-1A is comprised
of a programmable digital control system with precision
mixed-signal circuitry, EEPROM, power MOSFETs, planar
transformer, inductors, and supporting components. Its
high level of integration minimizes component count and
design time and maximizes flexibility and power density.
The LTP8800-1A preserves high efficiency at high conversion
ratios by utilizing a resonant switching architecture
that eliminates high voltage switching losses.
The LTP8800-1A is available in a 22mm × 24mm × 6.7mm
surface-mounted open frame package.

FEATURES
- High Efficiency at High Frequency
- Up to 87.0% Efficiency at 1MHz, 54VIN to 0.8VOUT
- PMBus-Compliant I2C Serial Interface
- Monitor Voltage, Current, Temperature and Faults
- Internal EEPROM Fault Log Record
- Digitally Programmable Control Loop
- Program Voltage, Current Limits, Soft-Start/Soft-
Stop, Frequency, Synchronization and Phasing,
Power-Good, Warnings and Faults
- Wide Input Voltage Range: 45V to 65V
- Output Voltage Range: 0.5V to 1.1V
- Optimized for 45V to 65VIN to 0.8VOUT
- ±0.5% Maximum DC Output Error with Differential
Remote Voltage Sense
- ±3% Current Readback Accuracy
- Parallel and Current Share Multiple μModule® ICs
- 22mm × 24mm × 6.7mm Surface Mount Package

APPLICATIONS
- High Current Distributed Power Systems
- Servers, Network, and Storage Equipment
- Intelligent Energy Efficient Power Regulation




Similar Part No. - LTP8800-1A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
   160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
LTP8800-1A AD-LTP8800-1A Datasheet
4Mb / 130P
   Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results


Similar Description - LTP8800-1A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
   160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
   20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
logo
Renesas Technology Corp
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
   Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
   Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
   Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
   Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
   25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
logo
Texas Instruments
PWR091EVM TI1-PWR091EVM Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
logo
Renesas Technology Corp
RAA210925 RENESAS-RAA210925 Datasheet
2Mb / 64P
   Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface
May 31, 2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com