Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2675M-12 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

LM2675M-12 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # LM2675M-12
Download  LM2675M-12 Download
File Size   1493.04 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description DC-DC switching buck converter

LM2675M-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2675M-12 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2675M-12
Download  LM2675M-12 Click to download

File Size   1493.04 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description DC-DC switching buck converter

LM2675M-12 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


LM2675M-12 Product details

Product Introduction
LM2675 series is a DC/DC switching buck converter controlled
by a fixed frequency of 260kHz PWM.It is mainly composed of
internal frequency compensation, fixed frequency oscillator, builtin
overcurrent protection, power switch control and other circuits.
It can drive 1A load with high efficiency, low ripple, good linearity
and load adjustment ability.Only a few external components
are needed to realize the function of DC/DC voltage reduction and
stabilization, which is very simple and practical.PWM control
circuit can adjust the duty cycle from 0 according to the load
To 100% to achieve high work efficiency.It has an external
enabling control opening function, which can realize the
controllable switch between standby and work, making the
application more flexible.

Product features
● Built in overtemperature shutdown function
● Built in overcurrent protection function
● Internal integrated efficient power switch
● Good linearity and load adjustment capability
● ON/OFF pin with hysteresis function
● TTL shutdown capability
● high efficiency
● Simple periphery
● Wide input voltage range: 7V~40V
● Fixed output voltage: 3.3V, 5V, 12V, etc
● Adjustable output voltage range: 1.21V~37V
(adjustable)
● High precision output: ± 2%
● Fixed switching frequency: 260 kHz
● Maximum output current capacity: 1A
● Minimum linear drop voltage drop: 1.5V
● Package form: SOP-8




Similar Part No. - LM2675M-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675M-12 NSC-LM2675M-12 Datasheet
912Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675M-12 NSC-LM2675M-12 Datasheet
913Kb / 26P
SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-12 TI-LM2675M-12 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-12 TI1-LM2675M-12 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675M-12 TI-LM2675M-12 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
More results


Similar Description - LM2675M-12

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
DC/DC Buck Converter
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
Buck DC-DC Converter IC
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
DC-DC BUCK CONVERTER
logo
Guangdong Youtai Semico...
LM2674 UMW-LM2674 Datasheet
1Mb / 8P
DC-DC switching buck converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com