Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IND165SK Datasheet (PDF) - List of Unclassifed Manufacturers

IND165SK Datasheet PDF - List of Unclassifed Manufacturers
Part # IND165SK
Download  IND165SK Download

File Size   1681.68 Kbytes
Page   41 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Long Distance Digital Display Link Transmitter & Receiver

IND165SK Datasheet (PDF)

Go To PDF Page Download Datasheet
IND165SK Datasheet PDF - List of Unclassifed Manufacturers

Part # IND165SK
Download  IND165SK Click to download

File Size   1681.68 Kbytes
Page   41 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Long Distance Digital Display Link Transmitter & Receiver

IND165SK Datasheet (HTML) - List of Unclassifed Manufacturers


IND165SK Product details

[Inova Semiconductors]

General Description
The GigaSTaR® Digital Display Link is a high-speed serial and long distance link for video, audio and digital data, which supports the popular VESA standard but also proprietary video formats from VGA to UXGA with color depth up to 24 bits.

Features:
• Supported VESA video resolutions:
    − INDT/R165B: VGA … XGA
    − INDT/R330B: VGA … UXGA
• Flexible parallel graphics controller and LC-display interfaces:
    − 12-bit (½ pixel/clock) – Tx only
    − 18- / 24-bit (1 pixel/clock)
    − 36- / 48-bit (2 pixel/clock)
• Flexible pixel data clocking on rising/falling/both clock edges
• Pixel Clock frequency: 24 – 161 MHz
• Easy adaptation to DVI and LDI/LVDS through standard interface devices
• 4 channel audio interface (IEC958 compliant S/PDIF)
• High- and low-speed bi-directional sideband data channels
• Single + 3.3 V power supply
• Extended temperature range: -40 – +85 °C

Applications:
• Long distance multimedia consoles
• High resolution industrial remote terminals
• Video broadcast systems
• Long distance camera links
• Machine vision systems
• Car navigation & telematics systems
• Digital TV equipment
• Video Projectors
• Home Cinemas




Similar Part No. - IND165SK

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IND16305 INTEGRAL-IND16305 Datasheet
342Kb / 7P
   40-BIT AC-PDP DRIVER
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
   64-BIT AC-PDP DRIVER
logo
List of Unclassifed Man...
IND166SK ETC1-IND166SK Datasheet
1Mb / 40P
   Long Distance Digital Display Link Transmitter & Receiver
More results


Similar Description - IND165SK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INDT166B ETC1-INDT166B Datasheet
1Mb / 40P
   Long Distance Digital Display Link Transmitter & Receiver
logo
Hamamatsu Corporation
L10064-01B HAMAMATSU-L10064-01B_15 Datasheet
247Kb / 2P
   Transmitter/Receiver photo IC for optical link
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
   Transmitter/receiver photo IC for optical link
logo
List of Unclassifed Man...
INGT165B ETC1-INGT165B Datasheet
399Kb / 21P
   1.32 Gbit/s Serial Link Transmitter and Receiver
logo
Beckhoff Automation Gmb...
CU8802-000X BECKHOFF-CU8802-000X Datasheet
98Kb / 2P
   Transmitter box for CP-Link-4 ??The Two Cable Display Link
CU8803-000X BECKHOFF-CU8803-000X Datasheet
104Kb / 2P
   Transmitter box for CP-Link 4 ??The One Cable Display Link
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
logo
Texas Instruments
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com