![]() |
Electronic Components Datasheet Search |
|
BFR92A Datasheet (PDF) - NXP Semiconductors |
BFR92A Datasheet (HTML) - NXP Semiconductors |
BFR92A Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | BFR92A |
Download | BFR92A Click to view |
File Size | 118.61 Kbytes |
Page | 12 Pages |
Maker | PHILIPS [NXP Semiconductors] |
Homepage | http://www.nxp.com |
Logo | |
Description | NPN 5 GHz wideband transistor |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
BFG16A | NPN 2 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFG541 | NPN 9 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFQ34 | NPN 4 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFR93 | NPN 5 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFG17A | NPN 3 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFQ621 | NPN 7 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFR93A | NPN 6 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFG197 | NPN 7 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFQ67 | NPN 8 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
BFR93AT | NPN 5 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |