Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES64H16AG2 Datasheet (PDF) - Renesas Technology Corp

89HPES64H16AG2 Datasheet PDF - Renesas Technology Corp
Part # 89HPES64H16AG2
Download  89HPES64H16AG2 Download

File Size   671.4 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-Lane 16-Port PCIe® Gen2 System Interconnect Switch

89HPES64H16AG2 Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES64H16AG2 Datasheet PDF - Renesas Technology Corp

Part # 89HPES64H16AG2
Download  89HPES64H16AG2 Click to download

File Size   671.4 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-Lane 16-Port PCIe® Gen2 System Interconnect Switch

89HPES64H16AG2 Datasheet (HTML) - Renesas Technology Corp


89HPES64H16AG2 Product details

Device Overview
The 89HPES64H16AG2 is a member of the IDT PRECISE™ family
of PCI Express® switching solutions. The PES64H16AG2 is a 64-lane,
16-port system interconnect switch optimized for PCI Express Gen2
packet switching in high-performance applications, supporting multiple
simultaneous peer-to-peer traffic flows. Target applications include
servers, storage, communications, embedded systems, and multi-host
or intelligent I/O based systems with inter-domain communication.
Features
 High Performance Non-Blocking Switch Architecture
– 64-lane 16-port PCIe switch
• Eight x8 switch ports each of which can bifurcate to two x4
ports (total of sixteen x4 ports)
– Integrated SerDes supports 5.0 GT/s Gen2 and 2.5 GT/s
Gen1 operation
– Delivers up to 64 GBps (512 Gbps) of switching capacity
– Supports 128 Bytes to 2 KB maximum payload size
– Low latency cut-through architecture
– Supports one virtual channel and eight traffic classes
 Standards and Compatibility
– PCI Express Base Specification 2.0 compliant
– Implements the following optional PCI Express features
• Advanced Error Reporting (AER) on all ports
• End-to-End CRC (ECRC)
• Access Control Services (ACS)
• Power Budgeting Enhanced Capability
• Device Serial Number Enhanced Capability
• Sub-System ID and Sub-System Vendor ID Capability
• Internal Error Reporting ECN
• Multicast ECN
• VGA and ISA enable
• L0s and L1 ASPM
• ARI ECN
 Port Configurability
– x4 and x8 ports
• Ability to merge adjacent x4 ports to create a x8 port
– Automatic per port link width negotiation
(x8 → x4 → x2 → x1)
– Crosslink support
– Automatic lane reversal
– Autonomous and software managed link width and speed
control
– Per lane SerDes configuration




Similar Part No. - 89HPES64H16AG2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
   Low latency cut-through architecture
More results


Similar Description - 89HPES64H16AG2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES16NT16G2 RENESAS-89HPES16NT16G2 Datasheet
435Kb / 34P
   16-Lane 16-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES34H16G2 RENESAS-89HPES34H16G2 Datasheet
645Kb / 55P
   34-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
   24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
   24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32H8G2 RENESAS-89HPES32H8G2 Datasheet
501Kb / 41P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com