Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89H32H8G2ZCBL Datasheet (PDF) - Renesas Technology Corp

89H32H8G2ZCBL Datasheet PDF - Renesas Technology Corp
Part # 89H32H8G2ZCBL
Download  89H32H8G2ZCBL Download

File Size   501.23 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Lane 8-Port PCIe® Gen2 System Interconnect Switch

89H32H8G2ZCBL Datasheet (PDF)

Go To PDF Page Download Datasheet
89H32H8G2ZCBL Datasheet PDF - Renesas Technology Corp

Part # 89H32H8G2ZCBL
Download  89H32H8G2ZCBL Click to download

File Size   501.23 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Lane 8-Port PCIe® Gen2 System Interconnect Switch

89H32H8G2ZCBL Datasheet (HTML) - Renesas Technology Corp

Back Button 89H32H8G2ZCBL Datasheet HTML 1Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 2Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 3Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 4Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 5Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 6Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 7Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 8Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 9Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 10Page - Renesas Technology Corp Next Button 

89H32H8G2ZCBL Product details

Features
 High Performance Non-Blocking Switch Architecture
– 32-lane 8-port PCIe switch
• Four x8 switch ports each of which can bifurcate to two x4
ports (total of eight x4 ports)
– Integrated SerDes supports 5.0 GT/s Gen2 and 2.5 GT/s
Gen1 operation
– Delivers up to 32 GBps (256 Gbps) of switching capacity
– Supports 128 Bytes to 2 KB maximum payload size
– Low latency cut-through architecture
– Supports one virtual channel and eight traffic classes
 Standards and Compatibility
– PCI Express Base Specification 2.0 compliant
– Implements the following optional PCI Express features
• Advanced Error Reporting (AER) on all ports
• End-to-End CRC (ECRC)
• Access Control Services (ACS)
• Power Budgeting Enhanced Capability
• Device Serial Number Enhanced Capability
• Sub-System ID and Sub-System Vendor ID Capability
• Internal Error Reporting ECN
• Multicast ECN
• VGA and ISA enable
• L0s and L1 ASPM
• ARI ECN
 Port Configurability
– x4 and x8 ports
• Ability to merge adjacent x4 ports to create a x8 port
– Automatic per port link width negotiation(x8 → x4 → x2 → x1)
– Crosslink support
– Automatic lane reversal
– Autonomous and software managed link width and speed control
– Per lane SerDes configuration
• De-emphasis
• Receive equalization
• Drive strength




Similar Part No. - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89H32T8G2ZBBL RENESAS-89H32T8G2ZBBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLG RENESAS-89H32T8G2ZBBLG Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLGI RENESAS-89H32T8G2ZBBLGI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLI RENESAS-89H32T8G2ZBBLI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZCBL RENESAS-89H32T8G2ZCBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results


Similar Description - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
   24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
   24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com