Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV160 Datasheet (PDF) - ATMEL Corporation

AT49LV160 Datasheet PDF - ATMEL Corporation
Part # AT49LV160
Download  AT49LV160 Download

File Size   308.09 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory

AT49LV160 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49LV160 Datasheet PDF - ATMEL Corporation

Part # AT49LV160
Download  AT49LV160 Click to download

File Size   308.09 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory

AT49LV160 Datasheet (HTML) - ATMEL Corporation

Back Button AT49LV160 Datasheet HTML 1Page - ATMEL Corporation AT49LV160 Datasheet HTML 2Page - ATMEL Corporation AT49LV160 Datasheet HTML 3Page - ATMEL Corporation AT49LV160 Datasheet HTML 4Page - ATMEL Corporation AT49LV160 Datasheet HTML 5Page - ATMEL Corporation AT49LV160 Datasheet HTML 6Page - ATMEL Corporation AT49LV160 Datasheet HTML 7Page - ATMEL Corporation AT49LV160 Datasheet HTML 8Page - ATMEL Corporation AT49LV160 Datasheet HTML 9Page - ATMEL Corporation AT49LV160 Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT49LV160 Product details

Description
The AT49BV/LV16X(T) is a 3.0-volt 16-megabit Flash memory organized as 1,048,576 words of 16 bits each or 2,097,152 bytes of 8 bits each. The x16 data appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided into 39 sectors for erase operations. The device is offered in a 48-lead TSOP, 45-ball and 48-ball CBGA packages. The device has CE and OE control signals to avoid any bus contention. This device can be read or reprogrammed using a single 2.65V power supply, making it ideally suited for in-system programming.

Features
• Single Voltage Read/Write Operation: 2.65V to 3.3V (BV), 3.0V to 3.6V (LV)
• Access Time – 70 ns
• Sector Erase Architecture
   – Thirty-one 32K Word (64K Bytes) Sectors with Individual Write Lockout
   – Eight 4K Word (8K Bytes) Sectors with Individual Write Lockout
• Fast Word Program Time – 20 µs
• Fast Sector Erase Time – 300 ms
• Suspend/Resume Feature for Erase and Program
   – Supports Reading and Programming from Any Sector by Suspending Erase of a
      Different Sector
   – Supports Reading Any Byte/Word by Suspending Programming of Any Other
      Byte/Word
• Low-power Operation
   – 30 mA Active
   – 10 µA Standby
• Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
• VPP Pin for Write Protection and Accelerated Program/Erase Operations
• RESET Input for Device Initialization
• Sector Lockdown Support
• TSOP and CBGA Package Options
• Top or Bottom Boot Block Configuration Available
• 128-bit Protection Register




Similar Part No. - AT49LV160

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV1614A ATMEL-AT49LV1614A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49LV1614A-70CI ATMEL-AT49LV1614A-70CI Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49LV1614A-70TI ATMEL-AT49LV1614A-70TI Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49LV1614AT ATMEL-AT49LV1614AT Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49LV1614AT-70CI ATMEL-AT49LV1614AT-70CI Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results


Similar Description - AT49LV160

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com