Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A64E16161 Datasheet (PDF) - AMIC Technology

A64E16161 Datasheet PDF - AMIC Technology
Part # A64E16161
Download  A64E16161 Download

File Size   29.87 Kbytes
Page   1 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 2M X 16 Bit Low Voltage Super RAM

A64E16161 Datasheet (PDF)

Go To PDF Page Download Datasheet
A64E16161 Datasheet PDF - AMIC Technology

Part # A64E16161
Download  A64E16161 Click to download

File Size   29.87 Kbytes
Page   1 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 2M X 16 Bit Low Voltage Super RAM

A64E16161 Datasheet (HTML) - AMIC Technology

A64E16161 Datasheet HTML 1Page - AMIC Technology

A64E16161 Product details

General Description
The A64E16161 is a low operating current 33,554,432-bit Super RAM organized as 2,097,152 words by 16 bits and operates on low power supply voltage from 1.65V to 2.2V. It is built using AMIC’s high performance CMOS DRAM process.Using hidden refresh technique, the A64E16161 provides a 100% compatible asynchronous interface.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
The chip enable input is provided for POWER-DOWN, device enable. Two byte enable inputs and an output enable input are included for easy interfacing.
This A64E16161 is suited for low power application such as mobile phone and PDA or other battery-operated handheld device.

Features
■ Operating voltage: 1.65V to 2.2V
■ Access times:
   Address Access , tAA = 70 ns (max.)
   Page Mode Address Access, tPAA = 25ns (max)
■ Current:
   Operating Current (Icc2) : 20mA (max.)
   Standby Current (Isb1) : 60uA (max)
   Power Down Standby Current (Isb2) : 10mA (max.)
■ Fully SRAM compatible operation
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Support 3 distinct operation modes for reducing standby power :
   Reduced Memory Size Operation (8M,16M,24M,32M)
   Partial Array Refresh (8M,16M,24M)
   Deep Power Down Mode
■ Page Mode Read/Write Operation by 8 words
■ Industrial operating temperature range: -25°C to +85°C for -I
■ Available in 48-ball CSP (6X8) package.




Similar Part No. - A64E16161

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161G-70 AMICC-A64E06161G-70 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161G-70I AMICC-A64E06161G-70I Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161G-85 AMICC-A64E06161G-85 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
More results


Similar Description - A64E16161

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S16161 AMICC-A64S16161 Datasheet
235Kb / 16P
   2M X 16 Bit Low Voltage Super RAM
logo
FIDELIX
FMP3217BAX FIDELIX-FMP3217BAX Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3216DAX FIDELIX-FMP3216DAX Datasheet
198Kb / 11P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64S9316 AMICC-A64S9316 Datasheet
171Kb / 15P
   512K X 16 Bit Low Voltage Super RAM
logo
Siemens Semiconductor G...
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com