Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet (PDF) - NXP Semiconductors

MC68HC912BL16 Datasheet PDF - NXP Semiconductors
Part # MC68HC912BL16
Download  MC68HC912BL16 Download

File Size   1584.31 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-Bit Microcontroller

MC68HC912BL16 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC912BL16 Datasheet PDF - NXP Semiconductors

Part # MC68HC912BL16
Download  MC68HC912BL16 Click to download

File Size   1584.31 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-Bit Microcontroller

MC68HC912BL16 Datasheet (HTML) - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 1Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 2Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 3Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 4Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 5Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 6Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 7Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 8Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 9Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 10Page - NXP Semiconductors Next Button 

MC68HC912BL16 Product details

Features
• 16-Bit CPU12
— Upward Compatible with M68HC11 Instruction Set
— Interrupt Stacking and Programmer’s Model Identical to M68HC11
— 20-Bit ALU
— Instruction Queue
— Enhanced Indexed Addressing
— Fuzzy Logic Instructions
• Multiplexed Bus
— Single Chip or Expanded
— 16/16 Wide or 16/8 Narrow Modes
• Memory
— 16-Kbyte Flash EEPROM with 2-Kbyte Erase-Protected Boot Block
— 512-byte EEPROM
— 512-byte RAM with Single-Cycle Access for Aligned or Misaligned Read/Write
• 8-Channel, 10-bit Analog-to-Digital Converter
• 7-Channel Timer
— Each Channel Fully Configurable as Either Input Capture or Output Compare
— Simple PWM Mode
— Modulo Reset of Timer Counter
• 16-Bit Pulse Accumulator
— External Event Counting
— Gated Time Accumulation
• Pulse-Width Modulator
— 8-Bit, 4-Channel or 16-Bit, 2-Channel
— Separate Control for Each Pulse Width and Duty Cycle
— Programmable Center-Aligned or Left-Aligned Outputs
• Serial Interfaces
— Asynchronous Serial Communications Interface (SCI)
— Synchronous Serial Peripheral Interface (SPI)
• COP Watchdog Timer, Clock Monitor, and Periodic Interrupt Timer
• 64-Pin QFP Package
— Up to 49 General-Purpose I/O Lines
— 4.5V–5.5V Operation at 8 MHz
• Single-Wire Background Debug™ Mode (BDM)
• On-Chip Hardware Breakpoints




Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results


Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com