Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EMS9633BFILF Datasheet (PDF) - Renesas Technology Corp

9EMS9633BFILF Datasheet PDF - Renesas Technology Corp
Part # 9EMS9633BFILF
Download  9EMS9633BFILF Download

File Size   312.0 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS

9EMS9633BFILF Datasheet (PDF)

Go To PDF Page Download Datasheet
9EMS9633BFILF Datasheet PDF - Renesas Technology Corp

Part # 9EMS9633BFILF
Download  9EMS9633BFILF Click to download

File Size   312.0 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS

9EMS9633BFILF Datasheet (HTML) - Renesas Technology Corp

Back Button 9EMS9633BFILF Datasheet HTML 1Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 2Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 3Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 4Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 5Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 6Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 7Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 8Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 9Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 10Page - Renesas Technology Corp Next Button 

9EMS9633BFILF Product details

Recommended Application:
Poulsbo Based Ultra-Mobile PC (UMPC) for Embedded
Applications
Output Features:
• 3 - CPU low power differential push-pull pairs
• 3 - SRC low power differential push-pull pairs
• 1 - LCD100 SSCD low power differential push-pull pair
• 1 - DOT96 low power differential push-pull pair
• 1 - REF, 14.31818MHz, 3.3V SE output
Features/Benefits:
• Industrial temperature range compliant
• Supports ULV CPUs with 67 to 167 MHz
CPU outputs
• Dedicated TEST/SEL and TEST/MODE pins
saves isolation resistors on pins
• CPU STOP# input for power manangment
• Fully integrated Vreg
• Integrated series resistors on differential outputs
• 1.5V VDD IO operation, 3.3V VDD core and REF supply pin for REF
• -40 to +85C operating range




Similar Part No. - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9EMS9633BFILF IDT-9EMS9633BFILF Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
9EMS9633BFILFT IDT-9EMS9633BFILFT Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
More results


Similar Description - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com