Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-A1440 Datasheet (PDF) - Nel Frequency Controls,inc

SJ-A1440 Datasheet PDF - Nel Frequency Controls,inc
Part # SJ-A1440
Download  SJ-A1440 Download

File Size   290.01 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Range: 10.0 MHz to 250.0 MHz

SJ-A1440 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ-A1440 Datasheet PDF - Nel Frequency Controls,inc

Part # SJ-A1440
Download  SJ-A1440 Click to download

File Size   290.01 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Range: 10.0 MHz to 250.0 MHz

SJ-A1440 Datasheet (HTML) - Nel Frequency Controls,inc

SJ-A1440 Datasheet HTML 1Page - Nel Frequency Controls,inc SJ-A1440 Datasheet HTML 2Page - Nel Frequency Controls,inc

SJ-A1440 Product details

Description
The SJ-C1440 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems. Supplying Pin 1 of the SJ-C1440 units with a logic “1" or open enables its pin 3 output. In the disabled mode, pin 3 presents a high impedance to the load.

Features
• Wide frequency range– 30.0MHz to 100.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
• Space-saving alternative to discrete component oscillators
• High shock resistance, to 3000g
• Metal lid electrically connected to ground to reduce EMI
• High Q Crystal actively tuned oscillator circuit
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Low Jitter - Wavecrest jitter characterization available
• 1.8Volt operation
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads




Similar Part No. - SJ-A1440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SJ-A1440-FREQ ETC-SJ-A1440-FREQ Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SJ-A1440 NEL-SJ-A1440_10 Datasheet
155Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
More results


Similar Description - SJ-A1440

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
SR-A29B0 NEL-SR-A29B0 Datasheet
166Kb / 2P
   Frequency Range: 250.0 MHz-1.7 GHz
SR-A2A70 NEL-SR-A2A70 Datasheet
404Kb / 2P
   Frequency Range: 250.0 MHz-1.7 GHz
logo
Raltron Electronics Cor...
TVTX053 RALTRON-TVTX053 Datasheet
250Kb / 3P
   5x3.2 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
TVTX057 RALTRON-TVTX057 Datasheet
243Kb / 4P
   5x7 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
logo
Integrated Technology F...
262151B ITF-262151B Datasheet
175Kb / 2P
   250.0 MHz SAW Filter
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Nel Frequency Controls,...
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
   Frequency Range: 100.0 MHz to 320.0 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com