Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH-A3200 Datasheet (PDF) - Nel Frequency Controls,inc

SH-A3200 Datasheet PDF - Nel Frequency Controls,inc
Part # SH-A3200
Download  SH-A3200 Download

File Size   179.61 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description VCXO Series (CMOS)

SH-A3200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH-A3200 Datasheet PDF - Nel Frequency Controls,inc

Part # SH-A3200
Download  SH-A3200 Click to download

File Size   179.61 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description VCXO Series (CMOS)

SH-A3200 Datasheet (HTML) - Nel Frequency Controls,inc

SH-A3200 Datasheet HTML 1Page - Nel Frequency Controls,inc SH-A3200 Datasheet HTML 2Page - Nel Frequency Controls,inc

SH-A3200 Product details

Description
The SH-A3200 Series of voltage controlled quartz crystal oscillators provide frequency control by applying a voltage to Pin 1. This unit supplies a CMOS compatible output which are enabled when Pin 2 is set to a logic high or left open.

Features
• Wide frequency range 60.0MHz to 160.0MHz
• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
• Space-saving alternative to discrete component oscillators
• High shock resistance, to 1000g
• 3.3 or 2.5 volt operation
• Metal lid electrically connected to ground to reduce EMI
• Low Jitter - Wavecrest jitter characterization available
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated pads
• RoHS Compliant, Lead Free Construction




Similar Part No. - SH-A3200

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SH-A3681-FREQ NEL-SH-A3681-FREQ Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
SH-A3689-FREQ NEL-SH-A3689-FREQ Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
SH-A368B-FREQ NEL-SH-A368B-FREQ Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
More results


Similar Description - SH-A3200

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KVC7050 AITSEMI-KVC7050 Datasheet
251Kb / 1P
   SMD CMOS VCXO
KVC5032 AITSEMI-KVC5032 Datasheet
249Kb / 1P
   SMD CMOS VCXO
KVCM AITSEMI-KVCM Datasheet
239Kb / 1P
   SMD CMOS VCXO
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
   CMOS/LVCMOS HF VCXO
logo
Connor-Winfield Corpora...
HV52-600 CONNOR-WINFIELD-HV52-600 Datasheet
81Kb / 2P
   HIGH SPEED CMOS VCXO
logo
Pletronics, Inc.
VHA6029036AA PLETRONICS-VHA6029036AA Datasheet
188Kb / 8P
   3.3V VCXO CMOS Oscillator
VHD6031035AA PLETRONICS-VHD6031035AA Datasheet
143Kb / 7P
   3.3V VCXO CMOS Oscillator
logo
Nel Frequency Controls,...
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
   CMOS/LVCMOS HF VCXO
logo
QUARTZCOM the communica...
VXO-6S-4P QUARTZCOM-VXO-6S-4P Datasheet
119Kb / 1P
   Miniature packaged SMD VCXO CMOS
logo
Pericom Semiconductor C...
FRSONT019 PERICOM-FRSONT019 Datasheet
895Kb / 2P
   3.3V CMOS 19.44MHz SONET VCXO
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com