Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-0A20X Datasheet (PDF) - Nel Frequency Controls,inc

PJ-0A20X Datasheet PDF - Nel Frequency Controls,inc
Part # PJ-0A20X
Download  PJ-0A20X Download

File Size   184.59 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Range: 10.0 MHz to 52.0 MHz

PJ-0A20X Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ-0A20X Datasheet PDF - Nel Frequency Controls,inc

Part # PJ-0A20X
Download  PJ-0A20X Click to download

File Size   184.59 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Range: 10.0 MHz to 52.0 MHz

PJ-0A20X Datasheet (HTML) - Nel Frequency Controls,inc

PJ-0A20X Datasheet HTML 1Page - Nel Frequency Controls,inc PJ-0A20X Datasheet HTML 2Page - Nel Frequency Controls,inc

PJ-0A20X Product details

Description
The PJ-0A20X Series of temperature compensated quartz crystal oscillators provide CMOS compatible signals.

Features
• Frequency range–10.0MHz to 52.0MHz
• User specified tolerance
• Will withstand SMD reflow temperatures of 253°C for 4 minutes maximum
• Space-saving alternative to discrete component oscillators
• High shock resistance, to 3000g
• Metal lid electrically connected to ground to reduce EMI
• Double Sealed Case
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Low Jitter - Wavecrest jitter characterization available
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads
• RoHS Compliant, Lead Free Construction




Similar Part No. - PJ-0A20X

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-001AH-67 CUI-PJ-001AH-67 Datasheet
481Kb / 5P
   DC POWER JACK
logo
CUI Devices
PJ-001AH-67 CUID-PJ-001AH-67 Datasheet
486Kb / 5P
   DC POWER JACK
04/07/2022
logo
CUI INC
PJ-001BH-67 CUI-PJ-001BH-67 Datasheet
481Kb / 5P
   DC POWER JACK
logo
CUI Devices
PJ-001BH-67 CUID-PJ-001BH-67 Datasheet
485Kb / 5P
   DC POWER JACK
04/07/2022
logo
CUI INC
PJ-001DH-67 CUI-PJ-001DH-67 Datasheet
481Kb / 5P
   DC POWER JACK
More results


Similar Description - PJ-0A20X

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
TVTX057 RALTRON-TVTX057 Datasheet
243Kb / 4P
   5x7 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
TVTX053 RALTRON-TVTX053 Datasheet
250Kb / 3P
   5x3.2 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
logo
Nel Frequency Controls,...
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Nel Frequency Controls,...
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
   Frequency Range: 100.0 MHz to 320.0 MHz
SC-B1420 NEL-SC-B1420 Datasheet
206Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
SJ-A1420 NEL-SJ-A1420 Datasheet
291Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
SD-A3670 NEL-SD-A3670 Datasheet
210Kb / 2P
   Frequency Range: 70.0 MHz to 200.0 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com