Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-379 Datasheet (PDF) - Nel Frequency Controls,inc

SJ-379 Datasheet PDF - Nel Frequency Controls,inc
Part # SJ-379
Download  SJ-379 Download

File Size   258.6 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SJ-379 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ-379 Datasheet PDF - Nel Frequency Controls,inc

Part # SJ-379
Download  SJ-379 Click to download

File Size   258.6 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SJ-379 Datasheet (HTML) - Nel Frequency Controls,inc

SJ-379 Datasheet HTML 1Page - Nel Frequency Controls,inc SJ-379 Datasheet HTML 2Page - Nel Frequency Controls,inc

SJ-379 Product details

Description
The SJ-370 Series of quartz crystal oscillators are designed to survive standard wave soldering operations without damage.

Features
 • Wide frequency range–2.25MHz to 80.0MHz
 • User specified tolerance available
 • Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
 • Space-saving alternative to discrete component oscillators
 • High shock resistance, to 3000g
 • Metal lid electrically connected to ground to reduce EMI
 • Low Jitter
 • TTL compatible (HCT) at specified supply voltage
 • High Q Crystal actively tuned oscillator circuit
 • Low power consumption
 • Power supply decoupling internal
 • No internal PLL avoids cascading PLL problems
 • High frequencies due to proprietary design
 • Gold plated leads




Similar Part No. - SJ-379

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SJ-370 NEL-SJ-370_10 Datasheet
100Kb / 3P
   of quartz crystal oscillators are designed to survive standard wave soldering operations
More results


Similar Description - SJ-379

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com