Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M75176P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M75176P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M75176P
Download  M75176P Download
File Size   166.0 Kbytes
Page   9 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description RS-485 TRANSCEIVER

M75176P Datasheet (PDF)

Go To PDF Page Download Datasheet
M75176P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M75176P
Download  M75176P Click to download

File Size   166.0 Kbytes
Page   9 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description RS-485 TRANSCEIVER

M75176P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M75176P Product details

DESCRIPTION
Each of the M75176 to M75179 is a semiconductor IC with a built-in differential driver and a built-in differential receiver both of which meet the EIA standards RS-422A and RS-485.

FEATURES
Common
• 5V single power supply
• With output control input (except M75179P)

Driver
• 54Ω terminal resistor connectable between outputs.
• High output impedance at power-OFF time
• Built-in output current limit circuit

Receiver
• High input sensitivity (±200mV max.)
• Hysteresis input (50mV typ.)
• High input impedance (12kΩ min.)
• “H” emitted when input is open (failsafe function)

APPLICATION
   High-speed data transmission interface for digital equipment




Similar Part No. - M75176P

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
REMOTE FAN CONTROL
2003-07-21
M75104P MOSDESIGN-M75104P Datasheet
151Kb / 2P
REMOTE FAN CONTROL
2003-07-21
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
M75118P MOSDESIGN-M75118P Datasheet
197Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results


Similar Description - M75176P

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
Robust RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
Isolated RS-485 Transceiver
REV. C
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com