Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337-068-558-201 Datasheet (PDF) - EDAC, All Rights Reserved.

337-068-558-201 Datasheet PDF - EDAC, All Rights Reserved.
Part # 337-068-558-201
Download  337-068-558-201 Download

File Size   163.54 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 337 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height

337-068-558-201 Datasheet (PDF)

Go To PDF Page Download Datasheet
337-068-558-201 Datasheet PDF - EDAC, All Rights Reserved.

Part # 337-068-558-201
Download  337-068-558-201 Click to download

File Size   163.54 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 337 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height

337-068-558-201 Datasheet (HTML) - EDAC, All Rights Reserved.

337-068-558-201 Datasheet HTML 1Page - EDAC, All Rights Reserved. 337-068-558-201 Datasheet HTML 2Page - EDAC, All Rights Reserved. 337-068-558-201 Datasheet HTML 3Page - EDAC, All Rights Reserved.

337-068-558-201 Product details

Features


  • 0.156" (3.96mm) Contact Spacing by 0.200" 5.08mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • High Profile Insulator Body, .600" (15.24mm)

  • Card Slot Depth of .330" (8.38mm)

  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, 90° and Extender Board Bends

  • Single or Dual Row Configurations

  • Large Variety of Mounting Options, Flush or Offset Lugs

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • RoHS Compliant, UL certified




Similar Part No. - 337-068-558-201

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
337-068-558-201 EDAC-337-068-558-201 Datasheet
290Kb / 4P
   337 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results





Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com