Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPIC-TGH7 Datasheet (PDF) - AAEON Technology

EPIC-TGH7 Datasheet PDF - AAEON Technology
Part # EPIC-TGH7
Download  EPIC-TGH7 Download
File Size   504.58 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor

EPIC-TGH7 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPIC-TGH7 Datasheet PDF - AAEON Technology

Part # EPIC-TGH7
Download  EPIC-TGH7 Click to download

File Size   504.58 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor

EPIC-TGH7 Datasheet (HTML) - AAEON Technology


EPIC-TGH7 Product details

Features
■ 11th Gen. Intel Xeon / Core Processor
■ DDR4 3200 SODIMM x 2 ,up to 64GB
■ HDMI 2.0b x 1 , DP++ 1.2a x 2 , LVDS (dual Channel) or eDP x 1 , VGA
x 1
■ SATA3 x 2
■ RJ45 (2.5GbE) x 1, RJ45 (GbE) x 1
■ USB3.2 Gen2 x 4, USB2.0 x 4
■ M.2 3052 B key x 1 , M.2 2280 M key x 1, MiniCard x 1
■ PCIe Gen4 [x8] slot x 1, PCIe [x4] by FPC slot x 1
■ COM Port x 6 , DIO 16 bit x 1
■ Support +9V to +24Vin (Wide Voltage Input)




Similar Part No. - EPIC-TGH7

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EPIC-5536 AAEON-EPIC-5536 Datasheet
404Kb / 2P
EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
Onboard AMD Geode??LX 800 Processor
EPIC-5537W1 AAEON-EPIC-5537W1 Datasheet
315Kb / 1P
Onboard AMD Geode??LX 800 Processor 500 MHz
EPIC-8526 AAEON-EPIC-8526 Datasheet
225Kb / 1P
Intel짰 Embedded Pentium짰 M/ Celeron짰 M Processors
EPIC-9456 AAEON-EPIC-9456 Datasheet
338Kb / 2P
EPIC Board with Socket-478M Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
More results


Similar Description - EPIC-TGH7

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-TGHB6 AAEON-COM-TGHB6 Datasheet
486Kb / 2P
COM Express Type 6 with 11th Generation Intel® Xeon/Core™ Processor Family
2022/11/11
EPIC-ADS7-PUC AAEON-EPIC-ADS7-PUC Datasheet
440Kb / 2P
EPIC System with 12th Generation Intel® Core™ Processor
Features
logo
Advantech Co., Ltd.
DPX-E145 ADVANTECH-DPX-E145 Datasheet
1Mb / 2P
11th Generation Intel® Core™ Gaming Platform
1-Dec-2020
logo
AAEON Technology
NANOCOM-TGU AAEON-NANOCOM-TGU Datasheet
416Kb / 2P
COM Express Type 10 with 11th Generation Intel® Core™ Processor
2022/12/05
BOXER-6643-TGU AAEON-BOXER-6643-TGU Datasheet
686Kb / 2P
Fanless Embedded Box PC 11th Generation Intel® Core™ SoC Processor
2022/10/06
DENEXT-TGU8 AAEON-DENEXT-TGU8 Datasheet
406Kb / 2P
86 x 55mm Single Board with 11th Generation Intel® Core™ i7/i5/i3 Processor
2022/11/14
logo
Advantech Co., Ltd.
ITA-260 ADVANTECH-ITA-260 Datasheet
1,017Kb / 3P
11th Generation Intel® Core™ Processor Fanless System for Wayside & Roadside Applications
23-Jun-2022
logo
AAEON Technology
PICO-TGU4 AAEON-PICO-TGU4 Datasheet
506Kb / 2P
Pico-ITX Board with 11th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/12/06
GENE-TGU6 AAEON-GENE-TGU6 Datasheet
846Kb / 2P
3.5” SubCompact Board with 11th Generation Intel® Core™ i7/i5/i3/Celeron CPU
2022/10/25
logo
BCM Advanced Research.
ESM-TGH BCM-ESM-TGH Datasheet
497Kb / 2P
PICMG COM R3.0 Type 6 module, 11th Gen Intel® Xeon/ Core™ BGA Processor
02/02/2023
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com