Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YD2025 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD2025 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD2025
Download  YD2025 Download

File Size   157.15 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 2.3W STEREO AUDIO AMPLIFIER

YD2025 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD2025 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD2025
Download  YD2025 Click to download

File Size   157.15 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 2.3W STEREO AUDIO AMPLIFIER

YD2025 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD

YD2025 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD YD2025 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD2025 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD YD2025 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD

YD2025 Product details

DESCRIPTION

The YD2025 is a monolithic integrated audio Amplifier in a 16-pin plastic dual in line package. It is designed for portable cassette players and radios.



FEATURES

*Working voltage down to 3V;

*Few external components;

*High channel isolation;

*Voltage gain up to 45dB (Adjustable with external resistor);

*Soft clipping;

*Internal thermal protection.




Similar Part No. - YD2025

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD2025A YOUDA-YD2025A Datasheet
82Kb / 4P
   2.4W STEREO AUDIO POWER AMP
YD2025D YOUDA-YD2025D Datasheet
161Kb / 4P
   1.3W STEREO AUDIO AMPLIFIER
YD2025H YOUDA-YD2025H Datasheet
150Kb / 4P
   2.4W STEREO AUDIO AMPLIFIER
More results


Similar Description - YD2025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
[Old version datasheet]   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
Unisonic Technologies
UTCTEA2025A UTC-UTCTEA2025A Datasheet
480Kb / 7P
   2.3W DUAL AUDIO POWER AMPLIFIER
logo
First Components Intern...
KA2206 FCI-KA2206 Datasheet
435Kb / 8P
   2.3W Dual Audio Power Amplifier
logo
List of Unclassifed Man...
KA2206 ETC-KA2206 Datasheet
429Kb / 8P
   KA2206 2.3W Dual Audio Power Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com