Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

345-005-500-102 Datasheet (PDF) - EDAC, All Rights Reserved.

345-005-500-102 Datasheet PDF - EDAC, All Rights Reserved.
Part # 345-005-500-102
Download  345-005-500-102 Download

File Size   300.58 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description Card Edge Connectors 0.100” (2.54mm) Pitch

345-005-500-102 Datasheet (PDF)

Go To PDF Page Download Datasheet
345-005-500-102 Datasheet PDF - EDAC, All Rights Reserved.

Part # 345-005-500-102
Download  345-005-500-102 Click to download

File Size   300.58 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description Card Edge Connectors 0.100” (2.54mm) Pitch

345-005-500-102 Datasheet (HTML) - EDAC, All Rights Reserved.

345-005-500-102 Datasheet HTML 1Page - EDAC, All Rights Reserved. 345-005-500-102 Datasheet HTML 2Page - EDAC, All Rights Reserved. 345-005-500-102 Datasheet HTML 3Page - EDAC, All Rights Reserved.

345-005-500-102 Product details

Features:
• 0.100” (2.54mm) contact spacing x 0.200” (5.08mm) row spacing
• Accepts 0.062” (1.57mm) nominal thickness P.C. board
• High profile insulator body, 0.600” (15.24mm)
• Contact termination options include P.C. tail, wire wrap, 90 degree bends and extender board bends
• Single or dual row configurations
• Large variety of mounting options, flush or offset lugs
• Accepts between contact and in-contact polarizing keys
• Pre-assembled card guides are available
• Automatic wire wrap positioning holes
• RoHS Compliant & UL Certified




Similar Part No. - 345-005-500-102

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
345-005-500-102 EDAC-345-005-500-102 Datasheet
277Kb / 3P
   345 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
345-005-500-102 EDAC-345-005-500-102 Datasheet
85Kb / 2P
   345 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results


Similar Description - 345-005-500-102

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
   Card Edge Connectors 0.156” (3.96mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
logo
Hirose Electric
CR22-20D-2.54DS HIROSE-CR22-20D-2.54DS Datasheet
183Kb / 5P
   2.54mm Pitch Card Edge Connector
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
   Card Edge Connectors
logo
CW Industries
CWR-170-10-0021 CWIND-CWR-170-10-0021 Datasheet
117Kb / 4P
   Card Edge Connectors
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
   Card Edge Connectors
logo
EDAC, All Rights Reserv...
845-092-542-804 EDAC-845-092-542-804 Datasheet
100Kb / 2P
   845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-006-500-403 EDAC-845-006-500-403 Datasheet
69Kb / 2P
   845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com