Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC146805E2 Datasheet (PDF) - NXP Semiconductors

MC146805E2 Datasheet PDF - NXP Semiconductors
Part # MC146805E2
Download  MC146805E2 Download
File Size   10531.86 Kbytes
Page   36 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-BIT MICROPROCESSOR UNIT

MC146805E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC146805E2 Datasheet PDF - NXP Semiconductors

Part # MC146805E2
Download  MC146805E2 Click to download

File Size   10531.86 Kbytes
Page   36 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-BIT MICROPROCESSOR UNIT

MC146805E2 Datasheet (HTML) - NXP Semiconductors


MC146805E2 Product details

HARDWARE FEATURES
l Typical Full Speed Operating Power of 35 mW @ 5 V
l Typical WAIT Mode Power of 5 mW
l Typical STOP Mode Power of 25 pW
112 Bytes of On-Chip RAM
l 16 Bidirectional 1/0 Lines
Internal 8-Bit Timer with Software Programmable 7-Bit Prescaler




Similar Part No. - MC146805E2

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
MC146805E2 INNOVASIC-MC146805E2 Datasheet
286Kb / 31P
Microprocessor Unit
logo
Motorola, Inc
MC146805E2 MOTOROLA-MC146805E2 Datasheet
2Mb / 20P
Port Replacement Unit (PRU)
MC146805E2 MOTOROLA-MC146805E2 Datasheet
10Mb / 36P
8-BIT MICROPROCESSOR UNIT
logo
InnovASIC, Inc
MC146805E2CFN INNOVASIC-MC146805E2CFN Datasheet
286Kb / 31P
Microprocessor Unit
MC146805E2CFN INNOVASIC-MC146805E2CFN Datasheet
344Kb / 33P
Microprocessor Unit
More results


Similar Description - MC146805E2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
logo
Toshiba Semiconductor
TMP8085AP-2 TOSHIBA-TMP8085AP-2 Datasheet
549Kb / 25P
8-Bit Microprocessor
logo
Siemens Semiconductor G...
SAB8085AH SIEMENS-SAB8085AH Datasheet
569Kb / 28P
8-Bit Microprocessor
logo
Intel Corporation
8088 INTEL-8088 Datasheet
378Kb / 30P
8-BIT HMOS MICROPROCESSOR
logo
List of Unclassifed Man...
EF6809E ETC-EF6809E Datasheet
1Mb / 39P
8 BIT MICROPROCESSOR UNIT (MPU)
logo
Intel Corporation
8085A INTEL-8085A Datasheet
542Kb / 11P
8-Bit Microprocessor
M8085AH INTEL-M8085AH Datasheet
1Mb / 8P
8-BIT HMOS MICROPROCESSOR
logo
Digital Core Design
DZ80 DCD-DZ80 Datasheet
130Kb / 3P
8-bit Microprocessor
logo
List of Unclassifed Man...
8080A ETC2-8080A Datasheet
660Kb / 12P
8-Bit Microprocessor
logo
Motorola, Inc
MC146805E2 MOTOROLA-MC146805E2_1 Datasheet
10Mb / 36P
8-BIT MICROPROCESSOR UNIT
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com