Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

987651-1642 Datasheet (PDF) - Molex Electronics Ltd.

987651-1642 Datasheet PDF - Molex Electronics Ltd.
Part # 987651-1642
Download  987651-1642 Download

File Size   195.45 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SMPM RF Blind-Mate Connectors

987651-1642 Datasheet (PDF)

Go To PDF Page Download Datasheet
987651-1642 Datasheet PDF - Molex Electronics Ltd.

Part # 987651-1642
Download  987651-1642 Click to download

File Size   195.45 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SMPM RF Blind-Mate Connectors

987651-1642 Datasheet (HTML) - Molex Electronics Ltd.

987651-1642 Datasheet HTML 1Page - Molex Electronics Ltd. 987651-1642 Datasheet HTML 2Page - Molex Electronics Ltd.

987651-1642 Product details

Delivering high density and excellent frequency
performance, SMPM RF Blind-Mate Connectors reduce
system weight, increase system density and increase
manufacturability through the use of multiport
connectors

Features and Advantages

30% smaller than SMP designs
Frequency range of DC to 65 GHz
Negligible Voltage Standing Wave
Ratio (VSWR) degradation
Blind-mate female interface
Custom bullet lengths available upon request
Multi-port configurations are available upon request
Push-on design
Ideal for compact applications requiring a high level
of density
Designed for military and high-frequency
applications. MIL-PRF-39012 compliant
Allows PCB designers additional tolerance stack.
Compensates for axial misalignment up to 0.25mm
Self-aligns to withstand radial and axial misalignment
inherent with board-to-board mating. Delivers
excellent electrical performance without degradation
throughout multiple mating cycles. Male catcher’s
mitt interface available for additional radial
misalignment compensation
Enable custom board-to-board stack-height
requirements
Reduces manufacturing time and reduces tolerance
stack up. 3.56mm center-to-center spacing available
Eliminates the use of threads or wrenches during
installation

Applications

Military and Aerospace
UAVs
Radar
Jammers
Test and Measurement Equipment
Input/Output
Legend:
A: Radial Misalignment
B: Axial Misalignment
C: Bullet Height
D: Board-to-Board Distance




Similar Part No. - 987651-1642

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
987651-1008 MOLEX-987651-1008 Datasheet
692Kb / 2P
   Ultra-Fit Power Connectors 3.50mm Pitch
2019.06
987651-1521 MOLEX-987651-1521 Datasheet
2Mb / 12P
   Heavy Duty ConnectorS FOR INDUSTRIAL APPLICAT ION S
2016.04
More results


Similar Description - 987651-1642

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
XP Power Limited
GFR XPPOWER-GFR Datasheet
277Kb / 4P
   1U BlindMate, Hotswap, Redundant
GFR1K5 XPPOWER-GFR1K5 Datasheet
3Mb / 29P
   1U Blind-Mate Hotswap Redundant
logo
ERNI Electronics
354182 ERNI-354182 Datasheet
102Kb / 1P
   M01 MSpeed Blind Mate 50 THR
100200750002 ERNI-100200750002 Datasheet
114Kb / 1P
   M09 MSpeed Blind Mate 50 SMD
354183 ERNI-354183 Datasheet
106Kb / 1P
   M02 MSpeed Blind Mate 50 SMD
354184 ERNI-354184 Datasheet
100Kb / 1P
   M02 MSpeed Blind Mate 50 THR
354185 ERNI-354185 Datasheet
91Kb / 1P
   M09 MSpeed Blind Mate 50 SMD
100103210032 ERNI-100103210032 Datasheet
131Kb / 1P
   M02 MSpeed Blind Mate 50 SMD
100201750001 ERNI-100201750001 Datasheet
133Kb / 1P
   M01 MSpeed Blind Mate 50 SMD
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com