Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJA1124 Datasheet (PDF) - NXP Semiconductors

SJA1124 Datasheet PDF - NXP Semiconductors
Part # SJA1124_V01
Download  SJA1124 Download

File Size   629.36 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad LIN commander transceiver with LIN commander controller

SJA1124 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJA1124 Datasheet PDF - NXP Semiconductors

Part # SJA1124_V01
Download  SJA1124 Click to download

File Size   629.36 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad LIN commander transceiver with LIN commander controller

SJA1124 Datasheet (HTML) - NXP Semiconductors

Back Button SJA1124_V01 Datasheet HTML 1Page - NXP Semiconductors SJA1124_V01 Datasheet HTML 2Page - NXP Semiconductors SJA1124_V01 Datasheet HTML 3Page - NXP Semiconductors SJA1124_V01 Datasheet HTML 4Page - NXP Semiconductors SJA1124_V01 Datasheet HTML 5Page - NXP Semiconductors SJA1124_V01 Datasheet HTML 6Page - NXP Semiconductors SJA1124_V01 Datasheet HTML 7Page - NXP Semiconductors SJA1124_V01 Datasheet HTML 8Page - NXP Semiconductors SJA1124_V01 Datasheet HTML 9Page - NXP Semiconductors SJA1124_V01 Datasheet HTML 10Page - NXP Semiconductors Next Button 

SJA1124 Product details

description
The SJA1124 is a quad Local Interconnect Network (LIN) commander channel device.
Each of the four channels contains a LIN commander controller and LIN transceiver with
commander termination. LIN commander frames are transferred to the physical LIN bus
via the LIN physical layer. The SJA1124 is primarily intended for in-vehicle subnetworks
using baud rates up to 20 kBd and is compliant with LIN 2.0, LIN 2.1, LIN 2.2, LIN 2.2A,
ISO 17987-4:2016 (12 V LIN) and SAE J2602-1. It is available in two variants, SJA1124A
and SJA1124B; see Section 3 for details.
A Serial Peripheral Interface (SPI) and an interrupt output provide the interface between
the SJA1124 and a microcontroller.
Transmit data streams received on the SPI are converted by the SJA1124 into LIN
commander frames transmitted on the LIN bus. The LIN commander frames are
transmitted as optimized bus signals shaped to minimize ElectroMagnetic Emission
(EME). The LIN bus output pins are pulled HIGH via internal LIN commander termination
resistors. Data streams received on the LIN bus input pins can be read by the
microcontroller via the SPI.
Power consumption is very low in Low Power mode. However, the SJA1124 can still be
woken up via the LIN pins and the SPI interface.

Features
2.1 General
• Four LIN commander channels:
– LIN commander controller
– LIN transceiver
– LIN commander termination consisting of a diode and a pull-up resistor
• Compliant with:
– LIN 2.0, LIN 2.1, LIN 2.2, LIN 2.2A
– ISO 17987-3:2016, ISO 17987-4:2016 (12 V LIN)
– SAE J2602-1
• Very low current consumption in Low Power mode with wake-up via SPI or LIN
• Option to control an external voltage regulator via the INHN output
• Bus signal shaping optimized for baud rates up to 20 kBd
• SPI for communicating with the microcontroller:
– SPI used for configuration, control, diagnosis and LIN data transfer
– Flexible SPI length from 3 bytes to 18 bytes
– Output status pin signals SPI operational state
• Interrupt output pin: interrupts can be configured individually
• Facilitates synchronous LIN frame transmission across multiple SJA1124 devices
• VIO input for direct interfacing with 3.3 V and 5 V microcontrollers
• On-chip Phase-Locked Loop (PLL) for LIN commander controller
• Passive behavior in unpowered state
• Undervoltage detection
• Leadless DHVQFN24 package (3.5 mm × 5.5 mm) supporting improved Automated
Optical Inspection (AOI) capability
2.2 LIN commander controllers
• Independent per LIN channel:
– Baud rate
– Operating mode
– Status and interrupt
• Complete LIN frame handling and transfer
• One interrupt per LIN frame
• Slave response timeout detection
• Programmable break length
• Automatic sync field generation
• Programmable stop bit length
• Hardware parity generation
• Hardware or software checksum generation
• Fault confinement
• Fractional baud rate generator
2.3 Protection
• Excellent ElectroMagnetic Immunity (EMI)
• Very high ESD robustness: ±6 kV according to IEC61000-4-2 for pins LIN1 to LIN4 and
BAT
• Bus terminal and battery pin protected against transients in the automotive environment
(ISO 7637)
• Bus terminal short-circuit proof to battery and ground
• LIN dominant timeout function
• Thermal protection




Similar Part No. - SJA1124_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1124AHG NXP-SJA1124AHG Datasheet
524Kb / 54P
   Quad LIN master transceiver with LIN master controller
Rev. 1 ??8 May 2018
More results


Similar Description - SJA1124_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1124 NXP-SJA1124 Datasheet
524Kb / 54P
   Quad LIN master transceiver with LIN master controller
Rev. 1 ??8 May 2018
logo
ELMOS Semiconductor AG
E521.50 ELMOS-E521.50 Datasheet
124Kb / 2P
   Quad LIN Transceiver
logo
Ensign Corporation
L002 ENSIGN-L002 Datasheet
333Kb / 1P
   Commander Class
L006 ENSIGN-L006 Datasheet
638Kb / 4P
   Commander Class
logo
NXP Semiconductors
TJA1124 NXP-TJA1124 Datasheet
275Kb / 23P
   Quad LIN master transceiver
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com