Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5510279A Datasheet (PDF) - Renesas Technology Corp

NE5510279A Datasheet PDF - Renesas Technology Corp
Part # NE5510279A
Download  NE5510279A Download

File Size   288.55 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER MOS FET

NE5510279A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5510279A Datasheet PDF - Renesas Technology Corp

Part # NE5510279A
Download  NE5510279A Click to download

File Size   288.55 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER MOS FET

NE5510279A Datasheet (HTML) - Renesas Technology Corp

Back Button NE5510279A Datasheet HTML 1Page - Renesas Technology Corp NE5510279A Datasheet HTML 2Page - Renesas Technology Corp NE5510279A Datasheet HTML 3Page - Renesas Technology Corp NE5510279A Datasheet HTML 4Page - Renesas Technology Corp NE5510279A Datasheet HTML 5Page - Renesas Technology Corp NE5510279A Datasheet HTML 6Page - Renesas Technology Corp NE5510279A Datasheet HTML 7Page - Renesas Technology Corp NE5510279A Datasheet HTML 8Page - Renesas Technology Corp NE5510279A Datasheet HTML 9Page - Renesas Technology Corp NE5510279A Datasheet HTML 10Page - Renesas Technology Corp Next Button 

NE5510279A Product details

4.8 V OPERATION SILICON RF POWER LDMOS FET
FOR 1.8 GHz 2 W TRANSMISSION AMPLIFIERS

DESCRIPTION
The NE5510279A is an N-channel silicon power MOS FET specially designed as the transmission power amplifier
for 4.8 V GSM 1 800 handsets. Dies are manufactured using our NEWMOS technology (our 0.6 μm WSi gate
laterally diffused MOS FET) and housed in a surface mount package. The device can deliver 33.0 dBm output power
with 47% power added efficiency at 1.8 GHz under the 4.8 V supply voltage.
FEATURES
• High output power : Pout = 35.5 dBm TYP. (VDS = 4.8 V, IDset = 300 mA, f = 900 MHz, Pin = 25 dBm)
: Pout = 33.0 dBm TYP. (VDS = 4.8 V, IDset = 300 mA, f = 1.8 GHz, Pin = 25 dBm)
• High power added efficiency : ηadd = 65% TYP. (VDS = 4.8 V, IDset = 300 mA, f = 900 MHz, Pin = 25 dBm)
: ηadd = 47% TYP. (VDS = 4.8 V, IDset = 300 mA, f = 1.8 GHz, Pin = 25 dBm)
• High linear gain : GL = 16.0 dB TYP. (VDS = 4.8 V, IDset = 300 mA, f = 900 MHz, Pin = 10 dBm)
: GL = 10.0 dB TYP. (VDS = 4.8 V, IDset = 300 mA, f = 1.8 GHz, Pin = 10 dBm)
• Surface mount package : 5.7 × 5.7 × 1.1 mm MAX.
• Single supply : VDS = 3.0 to 8.0 V




Similar Part No. - NE5510279A

ManufacturerPart #DatasheetDescription
logo
NEC
NE5510279A NEC-NE5510279A Datasheet
39Kb / 5P
   3.5V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5510279A CEL-NE5510279A Datasheet
42Kb / 5P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
NEC
NE5510279A-T1 NEC-NE5510279A-T1 Datasheet
39Kb / 5P
   3.5V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5510279A-T1 CEL-NE5510279A-T1 Datasheet
42Kb / 5P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
More results


Similar Description - NE5510279A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE552R679A RENESAS-NE552R679A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
NE5500434 RENESAS-NE5500434 Datasheet
290Kb / 9P
   SILICON POWER MOS FET
2007
NE5520379A RENESAS-NE5520379A Datasheet
295Kb / 13P
   SILICON POWER MOS FET
2003
logo
NEC
NE5500179A NEC-NE5500179A Datasheet
66Kb / 11P
   SILICON POWER MOS FET
logo
Renesas Technology Corp
NE5550234 RENESAS-NE5550234_13 Datasheet
1Mb / 16P
   Silicon Power MOS FET
NE5500134 RENESAS-NE5500134 Datasheet
285Kb / 8P
   SILICON POWER MOS FET
2007
NE5500234 RENESAS-NE5500234 Datasheet
293Kb / 9P
   SILICON POWER MOS FET
2007
NE5520279A RENESAS-NE5520279A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
NE552R479A RENESAS-NE552R479A Datasheet
291Kb / 11P
   SILICON POWER MOS FET
2003
NE5550234 RENESAS-NE5550234 Datasheet
1Mb / 16P
   Silicon Power MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com