Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE5500134-AZ Datasheet (PDF) - Renesas Technology Corp

NE5500134-AZ Datasheet PDF - Renesas Technology Corp
Part # NE5500134-AZ
Download  NE5500134-AZ Download

File Size   285.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER MOS FET

NE5500134-AZ Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5500134-AZ Datasheet PDF - Renesas Technology Corp

Part # NE5500134-AZ
Download  NE5500134-AZ Click to download

File Size   285.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER MOS FET

NE5500134-AZ Datasheet (HTML) - Renesas Technology Corp

NE5500134-AZ Datasheet HTML 1Page - Renesas Technology Corp NE5500134-AZ Datasheet HTML 2Page - Renesas Technology Corp NE5500134-AZ Datasheet HTML 3Page - Renesas Technology Corp NE5500134-AZ Datasheet HTML 4Page - Renesas Technology Corp NE5500134-AZ Datasheet HTML 5Page - Renesas Technology Corp NE5500134-AZ Datasheet HTML 6Page - Renesas Technology Corp NE5500134-AZ Datasheet HTML 7Page - Renesas Technology Corp NE5500134-AZ Datasheet HTML 8Page - Renesas Technology Corp

NE5500134-AZ Product details

N-CHANNEL SILICON POWER MOS FET
POWER AMPLIFIER FOR 0.8 TO 2.0 GHz CELLULAR HANDSETS

DESCRIPTION
The NE5500134 is an N-channel silicon power MOS FET specially designed as the transmission power amplifier
for 0.8 to 2.0 GHz cellular handsets. Dies are manufactured using our NEWMOS technology (our 0.6 μm WSi gate
lateral MOS FET), housed in a surface mount 3-pin power minimold (34 PKG) (SOT-89 type) package. The device
can deliver 29.5 dBm output power with 55% power added efficiency at 1.9 GHz under the 4.8 V supply voltage.
FEATURES
• High output power : Pout = 29.5 dBm TYP. (VDS = 4.8 V, IDset = 200 mA, f = 1.9 GHz, Pin = 20 dBm)
• High power added efficiency : ηadd = 55% TYP. (VDS = 4.8 V, IDset = 200 mA, f = 1.9 GHz, Pin = 20 dBm)
• High linear gain : GL = 13 dB TYP. (VDS = 4.8 V, IDset = 200 mA, f = 1.9 GHz, Pin = 10 dBm)
• Surface mount package : 3-pin power minimold (34 PKG) (SOT-89 type)
• Single supply : VDS = 3.0 to 6.0 V



Similar Part No. - NE5500134-AZ

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
NE5500134-A RENESAS-NE5500134-A Datasheet
137Kb / 2P
   RF & Microwave device
More results

Similar Description - NE5500134-AZ

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
NE5550234 RENESAS-NE5550234_13 Datasheet
1Mb / 16P
   Silicon Power MOS FET
NEC
NEC
NE5500179A NEC-NE5500179A Datasheet
66Kb / 11P
   SILICON POWER MOS FET
Renesas Technology Corp
Renesas Technology Corp
NE5550234 RENESAS-NE5550234 Datasheet
1Mb / 16P
   Silicon Power MOS FET
California Eastern Labs
California Eastern Labs
NE5550234 CEL-NE5550234 Datasheet
2Mb / 15P
   Silicon Power MOS FET
Renesas Technology Corp
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
RA03M8087M MITSUBISHI-RA03M8087M Datasheet
93Kb / 1P
   SILICON MOS FET POWER AMPLIFIER
Fuji Electric
Fuji Electric
2SK1221 FUJI-2SK1221 Datasheet
134Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK2907-01R FUJI-2SK2907-01R Datasheet
100Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3262-01MR FUJI-2SK3262-01MR Datasheet
138Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3339-01 FUJI-2SK3339-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3340-01 FUJI-2SK3340-01 Datasheet
85Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com