Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE4210S01-T1 Datasheet (PDF) - Renesas Technology Corp

NE4210S01-T1 Datasheet PDF - Renesas Technology Corp
Part # NE4210S01-T1
Download  NE4210S01-T1 Download

File Size   199.83 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HETERO JUNCTION FIELD EFFECT TRANSISTOR

NE4210S01-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE4210S01-T1 Datasheet PDF - Renesas Technology Corp

Part # NE4210S01-T1
Download  NE4210S01-T1 Click to download

File Size   199.83 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HETERO JUNCTION FIELD EFFECT TRANSISTOR

NE4210S01-T1 Datasheet (HTML) - Renesas Technology Corp

Back Button NE4210S01-T1 Datasheet HTML 1Page - Renesas Technology Corp NE4210S01-T1 Datasheet HTML 2Page - Renesas Technology Corp NE4210S01-T1 Datasheet HTML 3Page - Renesas Technology Corp NE4210S01-T1 Datasheet HTML 4Page - Renesas Technology Corp NE4210S01-T1 Datasheet HTML 5Page - Renesas Technology Corp NE4210S01-T1 Datasheet HTML 6Page - Renesas Technology Corp NE4210S01-T1 Datasheet HTML 7Page - Renesas Technology Corp NE4210S01-T1 Datasheet HTML 8Page - Renesas Technology Corp NE4210S01-T1 Datasheet HTML 9Page - Renesas Technology Corp NE4210S01-T1 Datasheet HTML 10Page - Renesas Technology Corp Next Button 

NE4210S01-T1 Product details

DESCRIPTION
The NE4210S01 is a Hetero Junction FET that utilizes the hetero junction to create high mobility electrons. Its excellent low noise and associated gain make it suitable for DBS and another commercial systems.
FEATURES
• Super Low Noise Figure & High Associated Gain
NF = 0.5 dB TYP. Ga = 13.0 dB TYP. @f = 12 GHz
• Gate Length: Lg £ 0.20 mm
• Gate Width : Wg = 160 mm




Similar Part No. - NE4210S01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE4210S01-T1 NEC-NE4210S01-T1 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE4210S01-T1 CEL-NE4210S01-T1 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE4210S01-T1B NEC-NE4210S01-T1B Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE4210S01-T1B CEL-NE4210S01-T1B Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
More results


Similar Description - NE4210S01-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32984D RENESAS-NE32984D Datasheet
207Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1995
NE350184C RENESAS-NE350184C Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com