Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFCW-1292+ Datasheet (PDF) - Mini-Circuits

LFCW-1292+ Datasheet PDF - Mini-Circuits
Part # LFCW-1292+
Download  LFCW-1292+ Download
File Size   449.7 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filter

LFCW-1292+ Datasheet (PDF)

Go To PDF Page Download Datasheet
LFCW-1292+ Datasheet PDF - Mini-Circuits

Part # LFCW-1292+
Download  LFCW-1292+ Click to download

File Size   449.7 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filter

LFCW-1292+ Datasheet (HTML) - Mini-Circuits


LFCW-1292+ Product details

Low loss, 1.3 dB typ.
Good rejection 45 dB typ.
Small size 0603 (0.063" x 0.032" x 0.024")

APPLICATIONS
Test & Measurement
5G MIMO
EW, Radar and ECM Defense Systems
Satellite Communications




Similar Part No. - LFCW-1292+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCW-123+ MINI-LFCW-123+ Datasheet
433Kb / 1P
Low Pass Filters
REV. OR
More results


Similar Description - LFCW-1292+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com