Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFCG-2275+ Datasheet (PDF) - Mini-Circuits

LFCG-2275+ Datasheet PDF - Mini-Circuits
Part # LFCG-2275+
Download  LFCG-2275+ Download
File Size   469.8 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filter

LFCG-2275+ Datasheet (PDF)

Go To PDF Page Download Datasheet
LFCG-2275+ Datasheet PDF - Mini-Circuits

Part # LFCG-2275+
Download  LFCG-2275+ Click to download

File Size   469.8 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filter

LFCG-2275+ Datasheet (HTML) - Mini-Circuits


LFCG-2275+ Product details

Low Insertion Loss, 0.9dB Typ.
Good Return Loss, 15dB Typ.
Stop Band Rejection, 45dB Typ.
0805 Surface Mount Footprint
Power Handling: 4.5 Watts

APPLICATIONS
ISM Applications
Communications, Radar, and Defense Systems
Test and Measurement Equipment
LTE & 5G MIMO Infrastructure




Similar Part No. - LFCG-2275+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCG-2250 MINI-LFCG-2250 Datasheet
370Kb / 3P
Low Pass Filter
REV. A
LFCG-2250+ MINI-LFCG-2250+ Datasheet
370Kb / 3P
Low Pass Filter
REV. A
More results


Similar Description - LFCG-2275+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com