![]() |
Electronic Components Datasheet Search |
|
CD214A-B40 Datasheet (PDF) - Bourns Electronic Solutions |
CD214A-B40 Datasheet (HTML) - Bourns Electronic Solutions |
CD214A-B40 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | CD214A-B40 |
Download | CD214A-B40 Click to view |
File Size | 298.68 Kbytes |
Page | 5 Pages |
Maker | BOURNS [Bourns Electronic Solutions] |
Homepage | http://www.bourns.com |
Logo | |
Description | Schottky Barrier Rectifier Chip Diode |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
CD214B-B320 | CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode | 1 2 3 4 | Bourns Electronic Solutions |
CD214B-B220 | CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode | 1 2 3 4 | Bourns Electronic Solutions |
CD214B-B120 | CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode | 1 2 3 4 | Bourns Electronic Solutions |
CD214A-B120 | Schottky Barrier Rectifier Chip Diode | 1 2 3 4 5 More | Bourns Electronic Solutions |
CD214A-B320 | Schottky Barrier Rectifier Chip Diode | 1 2 3 4 5 | Bourns Electronic Solutions |
CD214C-B320 | CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode | 1 2 3 4 | Bourns Electronic Solutions |
CD1607-B120 | Schottky Barrier Rectifier Chip Diode | 1 2 3 4 5 | Bourns Electronic Solutions |
CPD81 | Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip | 1 2 | Central Semiconductor Corp |
SB1003EJ | SCHOTTKY BARRIER DIODE 30V 1A RECTIFIER | 1 2 3 | Sanyo Semicon Device |
NTE585 | Silicon Rectifier Diode Schottky Barrier Fast Switching | 1 | NTE Electronics |
Datasheet Page |
1 2 3 4 5 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |