Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC05T10D/H Datasheet (PDF) - NXP Semiconductors

MC68HC05T10D/H Datasheet PDF - NXP Semiconductors
Part # MC68HC05T10D/H
Download  MC68HC05T10D/H Download

File Size   9808.8 Kbytes
Page   120 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-Bit Microcomputers

MC68HC05T10D/H Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC05T10D/H Datasheet PDF - NXP Semiconductors

Part # MC68HC05T10D/H
Download  MC68HC05T10D/H Click to download

File Size   9808.8 Kbytes
Page   120 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-Bit Microcomputers

MC68HC05T10D/H Datasheet (HTML) - NXP Semiconductors


MC68HC05T10D/H Product details

FEATURES
The following are some of the hardware and software highlights of the MC68HC05T10. HARDWARE FEATURES * HCMOS Technology * 8-bit Architecture * CPU core as MC68HC05C4 * Power saving Wait and Standby modes * 320 bytes of on-chip RAM 12000 bytes of on-chip ROM 20 Bidirectional I/O lines, 4 input lines (including A/D input) 2.1 MHz Internal Operating Frequency at 5 Volts * 16 bit programmable timer and one 50/60 Hz 5 bits real time clock timer * Self-Check mode * 8 channels 6-Bit DAC Port and one channel 14-bit DAC * 1 channel 8-Bit ADC * On Screen Display System * Automatic Adjusted Multi-System display Programmable character display of 10 rows by 18 columns * Double Height, Double Width character size independently selectable * 4 character colors per row selectable out of 8 colors * Character Black-Edge (4-sided) feature * Continuous horizontal/vertical lines for linear scale * Programmable window feature with 8 colors selectable * 64 character set * 8 x 11 character dot matrix for PAL system and 8 x 13 for NTSC system Half-dot shift for hardware character rounding M-Bus (12C) Interface System (handling Multi-Master protocol) *Keyboard interrupt * External interrupt enable independently * Master Reset and Power-On Reset * POR bit allowing the user to distinguish Power-On from Master Reset * Single 5 Volts +10% supply * On-chip crystal oscillator 56-pin plastic SDIP Package




Similar Part No. - MC68HC05T10D/H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC05T1 NXP-MC68HC05T1 Datasheet
3Mb / 40P
   8-Bit Microcomputer Unit
logo
Motorola, Inc
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05T16 NXP-MC68HC05T16 Datasheet
1Mb / 128P
   The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T16D/H NXP-MC68HC05T16D/H Datasheet
1Mb / 128P
   The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T1FN NXP-MC68HC05T1FN Datasheet
3Mb / 40P
   8-Bit Microcomputer Unit
More results


Similar Description - MC68HC05T10D/H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC05T4 NXP-MC68HC05T4 Datasheet
7Mb / 94P
   8-Bit Microcomputers
REV. 2.2
logo
Freescale Semiconductor...
MC6805S2 FREESCALE-MC6805S2 Datasheet
8Mb / 148P
   8-Bit Microcomputers
MC68HC05C4 FREESCALE-MC68HC05C4 Datasheet
7Mb / 137P
   8-Bit Microcomputers
logo
Intel Corporation
P8031AH INTEL-P8031AH Datasheet
1,021Kb / 14P
   8 BIT CONTROL ORIENTED MICROCOMPUTERS
logo
Hynix Semiconductor
GMS81004 HYNIX-GMS81004 Datasheet
1Mb / 101P
   8-BIT SINGLE CHIP MICROCOMPUTERS
logo
Panasonic Semiconductor
MN18982 PANASONIC-MN18982 Datasheet
1Mb / 14P
   8-Bit Single-Chip Dual Microcomputers
logo
NEC
UPD78P324 NEC-UPD78P324 Datasheet
545Kb / 80P
   16-/8-Bit Single-Chip Microcomputers
logo
Sanyo Semicon Device
LC866000A SANYO-LC866000A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
logo
Hitachi Semiconductor
HD4074344 HITACHI-HD4074344 Datasheet
610Kb / 100P
   4-bit microcomputers
logo
NEC
UPD8049H NEC-UPD8049H Datasheet
896Kb / 13P
   High-Speed, 8-Bit, Single-Chip Hmos Microcomputers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com