Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC05T16 Datasheet (PDF) - NXP Semiconductors

MC68HC05T16 Datasheet PDF - NXP Semiconductors
Part # MC68HC05T16
Download  MC68HC05T16 Download

File Size   1182.5 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.

MC68HC05T16 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC05T16 Datasheet PDF - NXP Semiconductors

Part # MC68HC05T16
Download  MC68HC05T16 Click to download

File Size   1182.5 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.

MC68HC05T16 Datasheet (HTML) - NXP Semiconductors


MC68HC05T16 Product details

DESCRIPTION
The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost
single-chip microcontrollers. This 8-bit microcontroller unit (MCU) contains on-chip oscillator,
CPU, RAM, ROM, OSD, M-Bus, PWM, PAC, Timer, A/D converter, I/O and Watchdog Timer.
The MC68HC705T16 is an EPROM version of the MC68HC05T16; it is available in windowed and
OTP 56-pin SDIP packages. All references to the MC68HC05T16 apply equally to the
MC68HC705T16, unless otherwise stated. References specific to the MC68HC705T16 are
italicized in the text.

Features
• 8-bit architecture
• Power saving Stop, Wait modes
• 320 bytes of on-chip RAM (64 bytes for stack)
• 24064 bytes of on-chip ROM/EPROM
• PLL-based, 4-row-buffer On Screen Display (OSD)
• 128-character (4K bytes) OSD ROM/EPROM
• 16-character (512 bytes) dual ported OSD RAM; both readable and writable by CPU
• 40 bidirectional I/O lines: 24 dedicated and 16 multiplexed I/O lines; 12 of the 24 dedicated
I/Os and 10 of the 16 multiplexed I/Os are of +12V open-drain type
• Multi-master M-Bus (I2C†) interface system
• Timer with TCAP input pin and 2 output compare functions
• Pulse Accumulator (PAC)
• 9 channel 7-bit PWM, and single channel 14-bit PWM
• 2 channel 5-bit Analog to Digital Converter
• COP watchdog system
• Available in 56-pin SDIP package




Similar Part No. - MC68HC05T16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
More results


Similar Description - MC68HC05T16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
   The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05BS8 NXP-MC68HC05BS8 Datasheet
1Mb / 128P
   The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost single-chip microcontrollers.
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
NXP Semiconductors
68HC805P18 NXP-68HC805P18 Datasheet
1Mb / 111P
   The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
Rev. 1.0
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
68HC05J5 NXP-68HC05J5 Datasheet
640Kb / 69P
   The MC68HC05J5 HCMOS Microcontroller is a member of the MC68HC05 Family of low-cost single-chip 8-bit Microcontroller Units (MCUs).
December 11, 1996 REV 1.1
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
   The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05JB3 NXP-68HC05JB3 Datasheet
1Mb / 134P
   The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
REV 1 November 5, 1998
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
   The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com