Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRAH-05BT50 Datasheet (PDF) - Bel Fuse Inc.

XRAH-05BT50 Datasheet PDF - Bel Fuse Inc.
Part # XRAH-05BT50
Download  XRAH-05BT50 Download

File Size   134.45 Kbytes
Page   6 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTER 5 V Input Vref/2 / 5 A Output

XRAH-05BT50 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRAH-05BT50 Datasheet PDF - Bel Fuse Inc.

Part # XRAH-05BT50
Download  XRAH-05BT50 Click to download

File Size   134.45 Kbytes
Page   6 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTER 5 V Input Vref/2 / 5 A Output

XRAH-05BT50 Datasheet (HTML) - Bel Fuse Inc.

XRAH-05BT50 Datasheet HTML 1Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 2Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 3Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 4Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 5Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 6Page - Bel Fuse Inc.



Similar Part No. - XRAH-05BT50

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRAH-05BT50 BEL-XRAH-05BT50 Datasheet
152Kb / 5P
   NON-ISOLATED DC/DC CONVERTER
XRAH-05BT50 BEL-XRAH-05BT50_07 Datasheet
152Kb / 5P
   NON-ISOLATED DC/DC CONVERTER
More results


Similar Description - XRAH-05BT50

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-05BT50 BEL-X7AH-05BT50 Datasheet
192Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 5V Input Vref/2 / 5A Output
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
182Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5X BEL-V7PC-10AT5X Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
logo
Texas Instruments
PTEA415050 TI1-PTEA415050 Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
logo
Sanken electric
BR300 SANKEN-BR300 Datasheet
347Kb / 10P
   5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bourns Electronic Solut...
SC5A BOURNS-SC5A Datasheet
155Kb / 2P
   5-amp, full-featured, non-isolated DC-DC converter
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com