Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

561-XX0X-XXX Datasheet (PDF) - Dialight Corporation

561-XX0X-XXX Datasheet PDF - Dialight Corporation
Part # 561-XX0X-XXX
Download  561-XX0X-XXX Download

File Size   80.48 Kbytes
Page   11 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 5mm LED CBI Circuit Board Indicator Vertical, Various Heights

561-XX0X-XXX Datasheet (PDF)

Go To PDF Page Download Datasheet
561-XX0X-XXX Datasheet PDF - Dialight Corporation

Part # 561-XX0X-XXX
Download  561-XX0X-XXX Click to download

File Size   80.48 Kbytes
Page   11 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 5mm LED CBI Circuit Board Indicator Vertical, Various Heights

561-XX0X-XXX Datasheet (HTML) - Dialight Corporation


561-XX0X-XXX Product details

Features

• Multiple CBIs form horizontal LED arrays on 7.24mm (0.285”) center-lines.

• Housing stand-offs facilitate PCB cleaning

• Solderability per MIL-STD-202F, method 208F

• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1

• High Contrast, UL 94 V-0 rated, black housing

• Oxygen index: 29%(all sizes)



Custom Devices

• Contact factory for other LED types or alternate heights



 




Similar Part No. - 561-XX0X-XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-XT1250250 ETC2-561-XT1250250 Datasheet
84Kb / 2P
   XMAS Tree Type Clip
561-XT1880250 ETC2-561-XT1880250 Datasheet
84Kb / 2P
   XMAS Tree Type Clip
561-XT2500500 ETC2-561-XT2500500 Datasheet
84Kb / 2P
   XMAS Tree Type Clip
561-XTS1250308 ETC2-561-XTS1250308 Datasheet
84Kb / 2P
   XMAS Tree Type Clip
561-XTS1870442 ETC2-561-XTS1870442 Datasheet
84Kb / 2P
   XMAS Tree Type Clip
More results


Similar Description - 561-XX0X-XXX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-XX07-004 DIALIGHT-550-XX07-004 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com