Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12XD Datasheet (PDF) - NXP Semiconductors

MC9S12XD Datasheet PDF - NXP Semiconductors
Part # MC9S12XD
Download  MC9S12XD Download

File Size   577.94 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NeXt Generation 16-Bit Microcontroller Family

MC9S12XD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S12XD Datasheet PDF - NXP Semiconductors

Part # MC9S12XD
Download  MC9S12XD Click to download

File Size   577.94 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NeXt Generation 16-Bit Microcontroller Family

MC9S12XD Datasheet (HTML) - NXP Semiconductors


MC9S12XD Product details

Feature
16-Bit CPU (Enhanced S12 Core – CPU12)
— Additional (superset) instructions to improve 32 bit calculations and semaphore handling
— Now possible to access large data segments independent of PPAGE
New XGATE Module
— Programmable, high performance DMA module – up to 80 MIPS RISC performance
— Transfers data to or from all peripherals and RAM without CPU intervention or CPU wait states
— Can perform simple operations on data (logical, shifts, arithmetic, bit operations)
— Enables Full CAN capability when used in conjunction with MXCAN module
— Full LIN master or slave capability when used in conjunction with the six integrated LIN SCI modules
— Can interrupt the HCS12X CPU signalling transfer completion
— Triggers from any hardware module as well as from the CPU possible
• Non-Multiplexed External Bus
— 22 address/16 data wide
— Support for external WAIT input or internal wait cycles to adapt MCU speed to peripheral speed requirements
— Upto three chip select outputs to select 16K, 2M and 4MByte address spaces
— Supports glueless interface to popular asynchronous RAMs and Flash devices
— External address space 4MByte for Data and Program space (144 pin package only)
• System Integration Modules – including Enhanced Interrupt Controller
— CRG (windowed COP watchdog, real time interrupt, clock monitor, clock generation and reset)
— EBI (non-multiplexed external bus interface)
— INT (interrupt control) with 8 levels of nested interrupt, new flexible assignment of interrupt sources to
each interrupt level.
• Five MXCAN Modules with FULL CAN capability when used in conjunction with XGATE
— CAN 2.0 A, B software compatible. Five receive and three transmit buffers
— Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
— Four separate interrupt channels for Receive, Transmit, Error and Wake-up
— Low-pass filter wake-up function in STOP mode
— Loop-back for self test operation




Similar Part No. - MC9S12XD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XD FREESCALE-MC9S12XD Datasheet
1Mb / 28P
   16-BIT MICROPROCESSOR FAMILY
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
logo
Freescale Semiconductor...
MC9S12XD128 FREESCALE-MC9S12XD128 Datasheet
1Mb / 28P
   16-BIT MICROPROCESSOR FAMILY
MC9S12XD128 FREESCALE-MC9S12XD128 Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
MC9S12XD128 FREESCALE-MC9S12XD128 Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results


Similar Description - MC9S12XD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8752 INFINEON-PMB8752 Datasheet
185Kb / 2P
   BlueMoon Universal Next Generation Bluetooth Chip Family
2004-01-01
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
logo
NXP Semiconductors
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
   Interworking Controller Next Generation
2003
logo
List of Unclassifed Man...
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
   next generation power source
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
[Old version datasheet]   8·Bit Microcontroller Family
1989
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
   Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
   Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com