![]() |
Electronic Components Datasheet Search |
|
555-3XXX Datasheet (PDF) - Dialight Corporation |
555-3XXX Datasheet (HTML) - Dialight Corporation |
555-3XXX Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | 555-3XXX |
Download | 555-3XXX Click to view |
File Size | 31.58 Kbytes |
Page | 5 Pages |
Maker | DIALIGHT [Dialight Corporation] |
Homepage | http://www.dialight.com |
Logo | |
Description | 2mm LED CBI Circuit Board Indicator Single, Top View |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
555-5XXX | 2mm LED CBI Circuit Board Indicator Quad Top View | 1 2 3 | Dialight Corporation |
555-2XXX | 2mm LED CBI Circuit Board Indicator Single | 1 2 3 4 5 | Dialight Corporation |
566-XX06 | 2mm x 5mm Rectangular LED CBI Circuit Board Indicator | 1 2 | Dialight Corporation |
551-3508 | 3mm Flat Top LED CBI Circuit Board Indicator In-line 3 Leaded Bi-Color | 1 2 | Dialight Corporation |
566-XX07 | 2mm x 5mm Rectangular LED CBI Circuit Board Indicator | 1 2 3 | Dialight Corporation |
570-0100-XXX | 2mm LED CBI Circuit Board Indicator DIN 41494 Compatible Tri-Level | 1 2 | Dialight Corporation |
571-0112-100 | 2mm LED CBI Circuit Board Indicator DIN 41494 Compatible Bi-Level | 1 2 | Dialight Corporation |
595-2X01-0XX | 2mm Prism CBI Circuit Board Indicator Surface Mount LED | 1 2 | Dialight Corporation |
555-4XXX | 2mm LED CBI Circuit Board Indicator Quad | 1 2 3 | Dialight Corporation |
550-XX08 | 5mm LED CBI Circuit Board Indicator 250 LED Centerline | 1 2 3 4 5 More | Dialight Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |