Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12K Datasheet (PDF) - NXP Semiconductors

MC9S12K Datasheet PDF - NXP Semiconductors
Part # MC9S12K
Download  MC9S12K Download
File Size   543.3 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-Bit Microcontroller

MC9S12K Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S12K Datasheet PDF - NXP Semiconductors

Part # MC9S12K
Download  MC9S12K Click to download

File Size   543.3 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-Bit Microcontroller

MC9S12K Datasheet (HTML) - NXP Semiconductors


MC9S12K Product details

Features
• 16-bit CPU12
— Upward compatible with M68HC11 instruction set
— Interrupt stacking and programmer’s model identical to M68HC11
— Instruction queue
— Enhanced indexed addressing
• System Integration Module (SIM)
— Multiplexed External Bus Interface (MEBI)
• Single chip or expanded
• 16 address/16 data wide or 16 address/8 data narrow modes
— Memory Map and Interface (MMC)
— Interrupt Controller (INT)
— Development support
• Single-wire Background Debug Mode™ (BDM)
• Debugger with on-chip trace buffer and flexible triggers (DBG)
• On-chip hardware Breakpoints (BKP)
• Oscillator (OSC)
— 2Mhz to 16Mhz frequency range
— Pierce with amplitude loop control
— Clock monitor
• Clock and Reset Generator (CRG)
— Phase-locked loop clock frequency multiplier
— Self Clock mode in absence of external clock
— COP watchdog
— Real Time interrupt (RTI)
• Memory options
— 32K, 64K, 128K, 256K Byte Flash EEPROM
• Internal program/erase voltage generation
• Security and Block Protect bits
• Built-in Error Checking and Correction code (ECC)
— 1K, 2K, 4K Byte EEPROM
— 2K, 4K, 8K, 12K Byte static RAM
• Analog-to-Digital Converter(s) (ADC)
— Two 8-channel modules with 10-bit resolution for MC9S12KT256
— One 16-channel module with 10-bit resolution for MC9S12KG128, MC9S12K64 and MC9S12K32
— External conversion trigger capability
• 8-channel Timer (TIM)
— Programmable input capture or output compare channels
— Simple PWM mode
— Counter Modulo Reset
— External Event Counting
— Gated Time Accumulation
• 8-channel Pulse Width Modulator (PWM)
— Programmable period and duty cycle per channel
— 8-bit 8-channel or 16-bit 4-channel
— Edge and center aligned PWM signals
— Emergency shutdown input
• Up to three 1M bit per second, CAN 2.0 A, B software compatible modules
— Five receive and three transmit buffers
— Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
— Four separate interrupt channels for Rx, Tx, error and wake-up
— Low-pass filter wake-up function
— Loop-back for self test operation
• Serial interfaces
— Up to two asynchronous serial communication interface (SCI)
— Up to three synchronous serial peripheral interface (SPI)
— Inter-IC Bus (IIC)
• Internal 2.5V Regulator
— Input voltage range from 3.15V to 5.5V
— Low power mode capability
— Low Voltage Reset (LVR) and Low Voltage Interrupt (LVI)
• 20 key wake up inputs
— Rising or falling edge triggered interrupt capability
— Digital filter to prevent short pulses from triggering interrupts
— Programmable pull ups and pull downs
• Operating frequency for ambient temperatures (TA -40°C to 125°C)
— 50MHz equivalent to 25MHz Bus Speed
• 112-Pin LQFP or 80-Pin QFP package
— I/O lines with 3.3V/5V input and drive capability
— 3.3V/5V A/D converter inputs




Similar Part No. - MC9S12K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12K FREESCALE-MC9S12K Datasheet
7Mb / 126P
Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
7Mb / 126P
Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
2Mb / 600P
Microcontrollers
logo
NXP Semiconductors
MC9S12KC128 NXP-MC9S12KC128 Datasheet
7Mb / 126P
HCS12 Microcontrollers
V01.09 9 SEP 2004
logo
Freescale Semiconductor...
MC9S12KC128CFU FREESCALE-MC9S12KC128CFU Datasheet
7Mb / 126P
Microcontrollers
More results


Similar Description - MC9S12K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com