Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL331LV-Q1 Datasheet (PDF) - Texas Instruments

TL331LV-Q1 Datasheet PDF - Texas Instruments
Part # TL331LV-Q1
Download  TL331LV-Q1 Download

File Size   2453.23 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators

TL331LV-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL331LV-Q1 Datasheet PDF - Texas Instruments

Part # TL331LV-Q1
Download  TL331LV-Q1 Click to download

File Size   2453.23 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators

TL331LV-Q1 Datasheet (HTML) - Texas Instruments

Back Button TL331LV-Q1 Datasheet HTML 1Page - Texas Instruments TL331LV-Q1 Datasheet HTML 2Page - Texas Instruments TL331LV-Q1 Datasheet HTML 3Page - Texas Instruments TL331LV-Q1 Datasheet HTML 4Page - Texas Instruments TL331LV-Q1 Datasheet HTML 5Page - Texas Instruments TL331LV-Q1 Datasheet HTML 6Page - Texas Instruments TL331LV-Q1 Datasheet HTML 7Page - Texas Instruments TL331LV-Q1 Datasheet HTML 8Page - Texas Instruments TL331LV-Q1 Datasheet HTML 9Page - Texas Instruments TL331LV-Q1 Datasheet HTML 10Page - Texas Instruments Next Button 

TL331LV-Q1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C5
• 1.65 V to 5.5 V supply range
• Rail-to-Rail input with Failsafe
• Low input offset voltage 400 μV typical
• 600ns typical propagation delay
• Low quiescent current 25 μA/Ch typical
• Low input bias current 5 pA typical
• Open-drain output
• Full -40°C to +125°C temperature range
• Power-On-Reset (POR) for known start-up
• 2 kV ESD protection
• Improved replacement for TL331-Q1, LM393-Q1 &
LM339-Q1 family for VCC ≤ 5 V.
• Alternate pinout for single (TL391-Q1)

2 Applications
• Vacuum robot
• Single phase UPS
• Server PSU
• Cordless power tool
• Wireless infrastructure
• Appliances
• Building automation
• Factory automation & control
• Motor drives
• Infotainment & cluster

3 Description
The LV device family consists of single, dual and quad
independent voltage comparators that operate from a
wide supply voltage range. The LV devices can dropin
replace the standard TL331-Q1, LM2xx, LM3xx and
LM290x-Q1 comparator family in low voltage (≤ 5
V) applications for improved performance and added
features.
The LV devices include a Power-On-Reset (POR)
feature to ensures the output is in a High-Z state
until the minimum supply voltage has been reached to
prevent output transients during power-up and powerdown.
The family also feature Rail to Rail inputs that
can go up to 6V without damage or phase inversion.
The LV devices are specified for the temperature
range of -40°C to +125°C, which covers the ranges
of the TL331-Q1, LM2xx-Q1, LM3xx and LM290x-Q1
comparator families.




Similar Part No. - TL331LV-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331LV-Q1 TI1-TL331LV-Q1 Datasheet
2Mb / 55P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1 Datasheet
4Mb / 66P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED NOVEMBER 2023
TL331LV-Q1 TI1-TL331LV-Q1 Datasheet
2Mb / 58P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED NOVEMBER 2023
TL331LV-Q1 TI1-TL331LV-Q1 Datasheet
4Mb / 66P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
NOVEMBER 2023
TL331LV-Q1 TI1-TL331LV-Q1 Datasheet
2Mb / 58P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
NOVEMBER 2023
More results


Similar Description - TL331LV-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V02 Datasheet
2Mb / 58P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED NOVEMBER 2023
TL331LV TI-TL331LV Datasheet
4Mb / 63P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED MARCH 2023
LM393LV-Q1 TI1-LM393LV-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
LM393LV-Q1 TI-LM393LV-Q1_V03 Datasheet
2Mb / 46P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
JANUARY 2022
LM393LV-Q1 TI-LM393LV-Q1_V02 Datasheet
2Mb / 44P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
REVISED JULY 2021
TL331LV TI1-TL331LV_V01 Datasheet
4Mb / 63P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV TI1-TL331LV_V02 Datasheet
4Mb / 66P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED NOVEMBER 2023
LM393LV-Q1 TI-LM393LV-Q1_V01 Datasheet
1Mb / 34P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
LM393LV-Q1 TI-LM393LV-Q1_V04 Datasheet
2Mb / 49P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
JANUARY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com