Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT2308A-1PG Datasheet (PDF) - Integrated Device Technology

IDT2308A-1PG Datasheet PDF - Integrated Device Technology
Part No. IDT2308A-1PG
Download  IDT2308A-1PG Click to view

File Size   81.67 Kbytes
Page   10 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V ZERO DELAY CLOCK MULTIPLIER

IDT2308A-1PG Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT2308A-1PG Datasheet PDF - Integrated Device Technology

Part No. IDT2308A-1PG
Download  IDT2308A-1PG Click to view

File Size   81.67 Kbytes
Page   10 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V ZERO DELAY CLOCK MULTIPLIER

IDT2308A-1PG Datasheet (HTML) - Integrated Device Technology

IDT2308A-1PG Datasheet HTML 1Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 2Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 3Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 4Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 5Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 6Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 7Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 8Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 9Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 10Page - Integrated Device Technology

IDT2308A-1PG Product details

DESCRIPTION:

The IDT2308A is a high-speed phase-lock loop (PLL) clock multiplier. It is designed to address high-speed clock distribution and multiplication applications. The zero delay is achieved by aligning the phase between the incoming clock and the output clock, operable within the range of 10 to 133MHz.

The IDT2308A has two banks of four outputs each that are controlled via two select addresses. By proper selection of input addresses, both banks can be put in tri-state mode. In test mode, the PLL is turned off, and the input clock directly drives the outputs for system testing purposes. In the absence of an input clock, the IDT2308A enters power down. In this mode, the device will draw less than 12µA for Commercial Temperature range and less than 25µA for Industrial temperature range, and the outputs are tri-stated.



FEATURES:

• Phase-Lock Loop Clock Distribution for Applications ranging from 10MHz to 133MHz operating frequency

• Distributes one clock input to two banks of four outputs

• Separate output enable for each output bank

• External feedback (FBK) pin is used to synchronize the outputs to the clock input

• Output Skew <200 ps

• Low jitter <200 ps cycle-to-cycle

• 1x, 2x, 4x output options (see table):

   – IDT2308A-1 1x

   – IDT2308A-2 1x, 2x

   – IDT2308A-3 2x, 4x

   – IDT2308A-4 2x

   – IDT2308A-1H and -2H for High Drive

• No external RC network required

• Operates at 3.3V VDD

• Available in SOIC and TSSOP packages



APPLICATIONS:

• SDRAM

• Telecom

• Datacom

• PC Motherboards/Workstations

• Critical Path Delay Designs



Similar Part No. - IDT2308A-1PG

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1 IDT-IDT2308-1 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1DC IDT-IDT2308-1DC Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1DCI IDT-IDT2308-1DCI Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1H IDT-IDT2308-1H Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
More results

Similar Description - IDT2308A-1PG

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
Fairchild Semiconductor
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
Integrated Device Technology
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08 IDT-IDT23S08 Datasheet
60Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz