Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15ARWM.C.D.0 Datasheet (PDF) - IDEAL-TEK SA

15ARWM.C.D.0 Datasheet PDF - IDEAL-TEK SA
Part # 15ARWM.C.D.0
Download  15ARWM.C.D.0 Download

File Size   260.88 Kbytes
Page   1 Pages
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA
Description Diamond coated Tweezers

15ARWM.C.D.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
15ARWM.C.D.0 Datasheet PDF - IDEAL-TEK SA

Part # 15ARWM.C.D.0
Download  15ARWM.C.D.0 Click to download

File Size   260.88 Kbytes
Page   1 Pages
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA
Description Diamond coated Tweezers

15ARWM.C.D.0 Datasheet (HTML) - IDEAL-TEK SA

15ARWM.C.D.0 Datasheet HTML 1Page - IDEAL-TEK SA

15ARWM.C.D.0 Product details

Description: Type 15ARWM diamond coated hard wire cutting tweezers are suitable to applications which
require cutting surgical Alloy in the medical device manufacturing. The short, rounded blades
are designed to grant maximum visibility and to apply maximum cutting force. The Carbon
Steel provides the hard and stiff tips to perform hard Alloy cuts. The blades are hardened to
61HRC hardness. The Diamond coating (DG4) provides the Carbon steel blades with a
smooth surface combined with extremely high corrosion resistance and high wear and
abrasion resistance.




Similar Part No. - 15ARWM.C.D.0

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
   Silicon Rectifier
logo
List of Unclassifed Man...
15A0 ETC-15A0 Datasheet
477Kb / 1P
   SMD SMART PROTECTOR
logo
Shanghai Shunye Electro...
15A05 SY-15A05 Datasheet
767Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
V2.22
15A1 SY-15A1 Datasheet
767Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
V2.22
logo
Shenzhen Yixinwei Techn...
15A10 YIXIN-15A10 Datasheet
249Kb / 2P
   15.0 AMP SILICON RECTIFIERS
More results


Similar Description - 15ARWM.C.D.0

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
3.SA.DC.0 IDEAL-TEK-3.SA.DC.0 Datasheet
521Kb / 1P
   High Precision - Diamond Tip Tweezers
2AB.SA.DC.0 IDEAL-TEK-2AB.SA.DC.0 Datasheet
525Kb / 1P
   High Precision - Diamond Tip Tweezers
4.SA.DC.0 IDEAL-TEK-4.SA.DC.0 Datasheet
505Kb / 1P
   High Precision - Diamond Tip Tweezers
51S.SA.DC.0 IDEAL-TEK-51S.SA.DC.0 Datasheet
515Kb / 1P
   High Precision - Diamond Tip Tweezers
SS6.SA.DC.0 IDEAL-TEK-SS6.SA.DC.0 Datasheet
519Kb / 1P
   High Precision - Diamond Tip Tweezers
1.SA.DC.0 IDEAL-TEK-1.SA.DC.0 Datasheet
518Kb / 1P
   High Precision - Diamond Tip Tweezers
5B.SA.DC.0 IDEAL-TEK-5B.SA.DC.0 Datasheet
516Kb / 1P
   High Precision - Diamond Tip Tweezers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com