Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V65603 Datasheet (PDF) - Renesas Technology Corp

71V65603 Datasheet PDF - Renesas Technology Corp
Part # 71V65603
Download  71V65603 Download
File Size   313.82 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs

71V65603 Datasheet (PDF)

Go To PDF Page Download Datasheet
71V65603 Datasheet PDF - Renesas Technology Corp

Part # 71V65603
Download  71V65603 Click to download

File Size   313.82 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs

71V65603 Datasheet (HTML) - Renesas Technology Corp


71V65603 Product details

Features
◆ 256K x 36, 512K x 18 memory configurations
◆ Supports high performance system speed - 150MHz
(3.8ns Clock-to-Data Access)
◆ ZBTTM Feature - No dead cycles between write and read cycles
◆ Internally synchronized output buffer enable eliminates the
need to control OE
◆ Single R/W (READ/WRITE) control pin
◆ Positive clock-edge triggered address, data, and control signal
registers for fully pipelined applications
◆ 4-word burst capability (interleaved or linear)
◆ Individual byte write (BW1 - BW4) control (May tie active)
◆ Three chip enables for simple depth expansion
◆ 3.3V power supply (±5%)
◆ 3.3V I/O Supply (VDDQ)
◆ Power down controlled by ZZ input
◆ Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA) and 165 fine
pitch ball grid array(fBGA)
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 71V65603

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V65603100BGG IDT-71V65603100BGG Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
71V65603100BGGI IDT-71V65603100BGGI Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
71V65603100BQG IDT-71V65603100BQG Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
71V65603100BQGI IDT-71V65603100BQGI Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
71V65603100PFG IDT-71V65603100PFG Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
More results


Similar Description - 71V65603

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V3548S IDT-IDT71V3548S Datasheet
490Kb / 26P
256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com