Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES24NT24G2 Datasheet (PDF) - Renesas Technology Corp

89HPES24NT24G2 Datasheet PDF - Renesas Technology Corp
Part # 89HPES24NT24G2
Download  89HPES24NT24G2 Download

File Size   479.09 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24-Lane 24-Port PCIe® Gen2 System Interconnect Switch

89HPES24NT24G2 Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES24NT24G2 Datasheet PDF - Renesas Technology Corp

Part # 89HPES24NT24G2
Download  89HPES24NT24G2 Click to download

File Size   479.09 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24-Lane 24-Port PCIe® Gen2 System Interconnect Switch

89HPES24NT24G2 Datasheet (HTML) - Renesas Technology Corp


89HPES24NT24G2 Product details

Features
 High Performance Non-Blocking Switch Architecture
– 24-lane, 24-port PCIe switch with flexible port configuration
– Integrated SerDes supports 5.0 GT/s Gen2 and 2.5 GT/s
Gen1 operation
– Delivers up to 24 GBps (192 Gbps) of switching capacity
– Supports 128 Bytes to 2 KB maximum payload size
– Low latency cut-through architecture
– Supports one virtual channel and eight traffic classes
 Port Configurability
– Twenty-four x1 ports configurable as follows:
• One x8 stack
• Eight x1 ports (ports 0 through 7 are not capable of
merging with an adjacent port)
• Two x8 stacks configurable as:
• Two x8 ports
• Four x4 ports
• Eight x2 ports
• Sixteen x1 ports
– Automatic per port link width negotiation
(x8  x4 x2  x1)
– Crosslink support
– Automatic lane reversal
– Per lane SerDes configuration
• De-emphasis
• Receive equalization
• Drive strength
 Innovative Switch Partitioning Feature
– Supports up to 8 fully independent switch partitions
– Logically independent switches in the same device
– Configurable downstream port device numbering
– Supports dynamic reconfiguration of switch partitions
• Dynamic port reconfiguration — downstream, upstream,
non-transparent bridge
• Dynamic migration of ports between partitions
• Movable upstream port within and between switch partitions
 Non-Transparent Bridging (NTB) Support
– Supports up to 8 NT endpoints per switch, each endpoint can
communicate with other switch partitions or external PCIe
domains or CPUs
– 6 BARs per NT Endpoint
• Bar address translation
• All BARs support 32/64-bit base and limit address translation
• Two BARs (BAR2 and BAR4) support look-up table based
address translation
– 32 inbound and outbound doorbell registers
– 4 inbound and outbound message registers
– Supports up to 64 masters
– Unlimited number of outstanding transactions
 Multicast
– Compliant with the PCI-SIG multicast
– Supports 64 multicast groups
– Supports multicast across non-transparent port
– Multicast overlay mechanism support
– ECRC regeneration support
 Integrated Direct Memory Access (DMA) Controllers
– Supports up to 2 DMA upstream ports, each with 2 DMA channels
– Supports 32-bit and 64-bit memory-to-memory transfers
• Fly-by translation provides reduced latency and increased
performance over buffered approach
• Supports arbitrary source and destination address alignment
• Supports intra- as well as inter-partition data transfers using
the non-transparent endpoint
– Supports DMA transfers to multicast groups
– Linked list descriptor-based operation
– Flexible addressing modes
• Linear addressing
• Constant addressing
 Quality of Service (QoS)
– Port arbitration
• Round robin
– Request metering
• IDT proprietary feature that balances bandwidth among
switch ports for maximum system throughput
– High performance switch core architecture
• Combined Input Output Queued (CIOQ) switch architecture
with large buffers

Product Description
With Non-Transparent Bridging functionality and innovative Switch
Partitioning feature, the PES24NT24G2 allows true multi-host or multiprocessor communications in a single device. Integrated DMA controllers enable high-performance system design by off-loading data transfer
operations across memories from the processors. Each lane is capable
of 5 GT/s link speed in both directions and is fully compliant with PCI
Express Base Specification 2.1.
A non-transparent bridge (NTB) is required when two PCI Express
domains need to communicate to each other. The main function of the
NTB block is to initialize and translate addresses and device IDs to
allow data exchange across PCI Express domains. The major functionalities of the NTB block are summarized in Table 1.




Similar Part No. - 89HPES24NT24G2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES24NT24G2 IDT-89HPES24NT24G2 Datasheet
286Kb / 35P
   Supports 128 Bytes to 2 KB maximum payload size
More results


Similar Description - 89HPES24NT24G2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
   24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32H8G2 RENESAS-89HPES32H8G2 Datasheet
501Kb / 41P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
89HPES34H16G2 RENESAS-89HPES34H16G2 Datasheet
645Kb / 55P
   34-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com