Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES32NT24BG2 Datasheet (PDF) - Renesas Technology Corp

89HPES32NT24BG2 Datasheet PDF - Renesas Technology Corp
Part # 89HPES32NT24BG2
Download  89HPES32NT24BG2 Download

File Size   550.36 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Lane 24-Port PCIe® Gen2 System Interconnect Switch

89HPES32NT24BG2 Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES32NT24BG2 Datasheet PDF - Renesas Technology Corp

Part # 89HPES32NT24BG2
Download  89HPES32NT24BG2 Click to download

File Size   550.36 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Lane 24-Port PCIe® Gen2 System Interconnect Switch

89HPES32NT24BG2 Datasheet (HTML) - Renesas Technology Corp

Back Button 89HPES32NT24BG2 Datasheet HTML 1Page - Renesas Technology Corp 89HPES32NT24BG2 Datasheet HTML 2Page - Renesas Technology Corp 89HPES32NT24BG2 Datasheet HTML 3Page - Renesas Technology Corp 89HPES32NT24BG2 Datasheet HTML 4Page - Renesas Technology Corp 89HPES32NT24BG2 Datasheet HTML 5Page - Renesas Technology Corp 89HPES32NT24BG2 Datasheet HTML 6Page - Renesas Technology Corp 89HPES32NT24BG2 Datasheet HTML 7Page - Renesas Technology Corp 89HPES32NT24BG2 Datasheet HTML 8Page - Renesas Technology Corp 89HPES32NT24BG2 Datasheet HTML 9Page - Renesas Technology Corp 89HPES32NT24BG2 Datasheet HTML 10Page - Renesas Technology Corp Next Button 

89HPES32NT24BG2 Product details

Features
 High Performance Non-Blocking Switch Architecture
– 32-lane, 24-port PCIe switch with flexible port configuration
– Integrated SerDes supports 5.0 GT/s Gen2 and 2.5 GT/s
Gen1 operation
– Delivers up to 32 GBps (256 Gbps) of switching capacity
– Supports 128 Bytes to 2 KB maximum payload size
– Low latency cut-through architecture
– Supports one virtual channel and eight traffic classes
 Port Configurability
– Four x8 stacks
• Two x8 stacks, each configurable as:
• One x8 port
• Two x4 ports
• Four x2 ports
• Eight x1 ports
• Several combinations of the above lane widths
• Two x8 stacks, each configurable as:
• One x8 port
• Two x4 ports
• Four x2 ports
• Several combinations of the above lane widths
– Automatic per port link width negotiation
(x8  x4 x2  x1)
– Crosslink support
– Automatic lane reversal
– Per lane SerDes configuration
• De-emphasis
• Receive equalization
• Drive strength
 Innovative Switch Partitioning Feature
– Supports up to 8 fully independent switch partitions
– Logically independent switches in the same device
– Configurable downstream port device numbering
– Supports dynamic reconfiguration of switch partitions
Dynamic port reconfiguration — downstream, upstream,
non-transparent bridge
• Dynamic migration of ports between partitions
• Movable upstream port within and between switch partitions
 Non-Transparent Bridging (NTB) Support
– Supports up to 8 NT endpoints per switch, each endpoint can
communicate with other switch partitions or external PCIe
domains or CPUs
– 6 BARs per NT Endpoint
• Bar address translation
• All BARs support 32/64-bit base and limit address translation
• Two BARs (BAR2 and BAR4) support look-up table based
address translation
– 32 inbound and outbound doorbell registers
– 4 inbound and outbound message registers
– Supports up to 64 masters
– Unlimited number of outstanding transactions
 Multicast
– Compliant with the PCI-SIG multicast
– Supports 64 multicast groups
– Supports multicast across non-transparent port
– Multicast overlay mechanism support
– ECRC regeneration support
 Integrated Direct Memory Access (DMA) Controllers
– Supports up to 2 DMA upstream ports, each with 2 DMA channels
– Supports 32-bit and 64-bit memory-to-memory transfers
• Fly-by translation provides reduced latency and increased
performance over buffered approach
• Supports arbitrary source and destination address alignment
• Supports intra- as well as inter-partition data transfers using
the non-transparent endpoint
– Supports DMA transfers to multicast groups
– Linked list descriptor-based operation
– Flexible addressing modes
• Linear addressing
• Constant addressing
 Quality of Service (QoS)
– Port arbitration
• Round robin
– Request metering
• IDT proprietary feature that balances bandwidth among
switch ports for maximum system throughput
High performance switch core architecture
• Combined Input Output Queued (CIOQ) switch architecture
with large buffers
 Clocking
– Supports 100 MHz and 125 MHz reference clock frequencies
– Flexible port clocking modes
• Common clock
• Non-common clock
• Local port clock with SSC (spread spectrum setting) and port
reference clock input
 Hot-Plug and Hot Swap
– Hot-plug controller on all ports
• Hot-plug supported on all downstream switch ports
– All ports support hot-plug using low-cost external I2
C I/O
expanders
– Configurable presence-detect supports card and cable applications
– GPE output pin for hot-plug event notification
• Enables SCI/SMI generation for legacy operating system
support
– Hot-swap capable I/O
 Power Management
– Supports D0, D3hot and D3 power management states
– Active State Power Management (ASPM)
• Supports L0, L0s, L1, L2/L3 Ready, and L3 link states
• Configurable L0s and L1 entry timers allow performance/
power-savings tuning
– SerDes power savings
• Supports low swing / half-swing SerDes operation
• SerDes associated with unused ports are turned off
• SerDes associated with unused lanes are placed in a low
power state
 Reliability, Availability, and Serviceability (RAS)
– ECRC support
– AER on all ports
– SECDED ECC protection on all internal RAMs
– End-to-end data path parity protection
– Checksum Serial EEPROM content protected
– Ability to generate an interrupt (INTx or MSI) on link up/down
transitions
 Initialization / Configuration
– Supports Root (BIOS, OS, or driver), Serial EEPROM, or
SMBus switch initialization
– Common switch configurations are supported with pin strapping (no external components)
– Supports in-system Serial EEPROM initialization/programming
 On-Die Temperature Sensor
– Range of 0 to 127.5 degrees Celsius
– Three programmable temperature thresholds with over and
under temperature threshold alarms
– Automatic recording of maximum high or minimum low
temperature
 9 General Purpose I/O
 Test and Debug
– Ability to inject AER errors simplifies in system error handling
software validation
– On-chip link activity and status outputs available for several
ports
– Per port link activity and status outputs available using
external I2
C I/O expander for all remaining ports
– Supports IEEE 1149.6 AC JTAG and IEEE 1149.1 JTAG
 Standards and Compatibility
– PCI Express Base Specification 2.1 compliant
– Implements the following optional PCI Express features
• Advanced Error Reporting (AER) on all ports
• End-to-End CRC (ECRC)
• Access Control Services (ACS)
• Device Serial Number Enhanced Capability
• Sub-System ID and Sub-System Vendor ID Capability
• Internal Error Reporting
• Multicast
• VGA and ISA enable
• L0s and L1 ASPM
• ARI
 Power Supplies
– Requires three power supply voltages (1.0V, 2.5V, and 3.3V)
 Packaged in a 23mm x 23mm 484-ball Flip Chip BGA with
1mm ball spacing

Product Description
With Non-Transparent Bridging functionality and innovative Switch
Partitioning feature, the PES32NT24BG2 allows true multi-host or multiprocessor communications in a single device. Integrated DMA controllers enable high-performance system design by off-loading data transfer
operations across memories from the processors. Each lane is capable
of 5 GT/s link speed in both directions and is fully compliant with PCI
Express Base Specification 2.1.
A non-transparent bridge (NTB) is required when two PCI Express
domains need to communicate to each other. The main function of the
NTB block is to initialize and translate addresses and device IDs to
allow data exchange across PCI Express domains. The major functionalities of the NTB block are summarized in Table 1.




Similar Part No. - 89HPES32NT24BG2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES32NT24BG2 IDT-89HPES32NT24BG2 Datasheet
357Kb / 37P
   Low latency cut-through architecture
More results


Similar Description - 89HPES32NT24BG2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
   24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32H8G2 RENESAS-89HPES32H8G2 Datasheet
501Kb / 41P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
   24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com