Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M44800CJ Datasheet (PDF) - Mitsubishi Electric Semiconductor

M5M44800CJ Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M5M44800CJ
Download  M5M44800CJ Download
File Size   209.0 Kbytes
Page   21 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM

M5M44800CJ Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M44800CJ Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M5M44800CJ
Download  M5M44800CJ Click to download

File Size   209.0 Kbytes
Page   21 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM

M5M44800CJ Datasheet (HTML) - Mitsubishi Electric Semiconductor


M5M44800CJ Product details

DESCRIPTION
This is a family of 524288-word by 8-bit dynamic RAMs, fabricated with the high performance CMOS process, and is ideal for largecapacity memory systems where high speed, low power dissipation, and low costs are essential.
The use of double-layer metalization process technology and a single-transistor dynamic storage stacked capacitor cell provide high circuit density at reduced costs. Multiplexed address inputs permit both a reduction in pins and an increase in system densities. Self or extended refresh current is low enough for battery back-up application.

FEATURES
● Standard 28pin SOJ, 28pin TSOP (II)
● Single 5V±10% supply
● Low stand-by power dissipation
   CMOS lnput level 5.5mW (Max)
   CMOS Input level 550µW (Max) *
● Operating power dissipation
   M5M44800Cxx-5,-5S 495mW (Max)
   M5M44800Cxx-6,-6S 413mW (Max)
   M5M44800Cxx-7,-7S 358mW (Max)
● Self refresh capability *
   Self refresh current 150µA(Max)
● Extended refresh capability
   Extended refresh current 150µA(Max)
● Fast page mode(1024-column random access),Read-modify-write,
   RAS-only refresh, CAS before RAS refresh, Hidden refresh
   capabilities.
● Early-write mode, CAS and OE to control output buffer impedance
● 1024 refresh cycles every 16.4ms (A0 ~A9)
● 1024 refresh cycles every 128ms (A0 ~A9) *
* :Applicable to self refresh version (M5M44800CJ,TP-5S,-6S,-7S :option) only




Similar Part No. - M5M44800CJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4416P MITSUBISHI-M5M4416P Datasheet
880Kb / 15P
65,536-BIT (16,384-WORD BY 4-BIT) DYNAMIC RAM
M5M4416P-12 MITSUBISHI-M5M4416P-12 Datasheet
880Kb / 15P
65,536-BIT (16,384-WORD BY 4-BIT) DYNAMIC RAM
M5M4416P-15 MITSUBISHI-M5M4416P-15 Datasheet
880Kb / 15P
65,536-BIT (16,384-WORD BY 4-BIT) DYNAMIC RAM
M5M44170-10 MITSUBISHI-M5M44170-10 Datasheet
2Mb / 31P
FAST PAGE MODE 4,194,304-BIT (262,144-WORD BY 16-BIT) DYNAMIC RAM
M5M44170-10S MITSUBISHI-M5M44170-10S Datasheet
2Mb / 31P
FAST PAGE MODE 4,194,304-BIT (262,144-WORD BY 16-BIT) DYNAMIC RAM
More results


Similar Description - M5M44800CJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH4V64AXJJ MITSUBISHI-MH4V64AXJJ Datasheet
217Kb / 25P
FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
M5M44260CJ MITSUBISHI-M5M44260CJ Datasheet
296Kb / 29P
FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
MH4V724AWXJ-5 MITSUBISHI-MH4V724AWXJ-5 Datasheet
174Kb / 20P
FAST PAGE MODE 301989888 - BIT ( 4194304 - WORD BY 72 - BIT ) DYNAMIC RAM
MH4V36AM-6 MITSUBISHI-MH4V36AM-6 Datasheet
190Kb / 18P
FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V644AWXJ-5 MITSUBISHI-MH4V644AWXJ-5 Datasheet
171Kb / 20P
FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
MH4V64AWXJ-5 MITSUBISHI-MH4V64AWXJ-5 Datasheet
170Kb / 20P
FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
M5M5V408BFP-85L MITSUBISHI-M5M5V408BFP-85L Datasheet
171Kb / 14P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com