Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M44260CJ Datasheet (PDF) - Mitsubishi Electric Semiconductor

M5M44260CJ Datasheet PDF - Mitsubishi Electric Semiconductor
Part No. M5M44260CJ
Download  M5M44260CJ Click to view

File Size   296.53 Kbytes
Page   29 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM

M5M44260CJ Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M44260CJ Datasheet PDF - Mitsubishi Electric Semiconductor

Part No. M5M44260CJ
Download  M5M44260CJ Click to view

File Size   296.53 Kbytes
Page   29 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM

M5M44260CJ Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button M5M44260CJ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

M5M44260CJ Product details

DESCRIPTION
This is a family of 262144-word by 16-bit dynamic RAMs, fabricated with the high performance CMOS process, and is ideal for memory systems where high speed, low power dissipation, and low costs are essential.
The use of double-layer metalization process technology and a single-transistor dynamic storage stacked capacitor cell provide high circuit density at reduced costs. Multiplexed address inputs permit both a reduction in pins and an increase in system densities. Self or extended refresh current is small enough for battery back-up application.
This device has 2CAS and 1W terminals with a refresh cycle of 512 cycles every 8.2ms.

FEATURES
● Standard 40pin SOJ, 44 pin TSOP (II)
● Single 5V±10% supply
● Low stand-by power dissipation
   CMOS Input level - - - - - - - - - - - - - - - - - - 5.5mW (Max)
   CMOS Input level - - - - - - - - - - - - - - - - - - 550µW (Max) *
● Operating power dissipation
   M5M44260Cxx-5,-5S - - - - - - - - - - - - - - - - - 688mW (Max)
   M5M44260Cxx-6,-6S - - - - - - - - - - - - - - - - - 605mW (Max)
   M5M44260Cxx-7,-7S - - - - - - - - - - - - - - - - - 523mW (Max)
● Self refresh capability *
   Self refresh current - - - - - - - - - - - - - - - 150µA (Max)
● Extended refresh capability
   Extended refresh current - - - - - - - - - - - - - 150µA (Max)
● Fast-page mode (512-column random access), Read-modify-write,
   RAS-only refresh, CAS before RAS refresh, Hidden refresh
   capabilities.
● Early-write mode, LCAS / UCAS and OE to control output buffer impedance
● 512 refresh cycles every 8.2ms (A0~A8)
● 512 refresh cycles every 128ms (A0~A8) *
● Byte or word control for Read/Write operation (2CAS, 1W type)
   * : Applicable to self refresh version (M5M44260CJ,TP-5S,-6S,-7S : option) only

APPLICATION
   Microcomputer memory, Refresh memory for CRT



Similar Part No. - M5M44260CJ

ManufacturerPart No.DatasheetDescription
Cirrus Logic
Cirrus Logic
M5M44260A CIRRUS-M5M44260A Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
More results

Similar Description - M5M44260CJ

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V4265CJ MITSUBISHI-M5M4V4265CJ Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44265CJ MITSUBISHI-M5M44265CJ Datasheet
324Kb / 31P
   EDO (HYPER PAGE MODE) 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH4V64AXJJ MITSUBISHI-MH4V64AXJJ Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
M5M44800CJ MITSUBISHI-M5M44800CJ Datasheet
209Kb / 21P
   FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM
MH4V724AWXJ-5 MITSUBISHI-MH4V724AWXJ-5 Datasheet
174Kb / 20P
   FAST PAGE MODE 301989888 - BIT ( 4194304 - WORD BY 72 - BIT ) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
MH4V36AM-6 MITSUBISHI-MH4V36AM-6 Datasheet
190Kb / 18P
   FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V644AWXJ-5 MITSUBISHI-MH4V644AWXJ-5 Datasheet
171Kb / 20P
   FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz