Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LV273 Datasheet (PDF) - NXP Semiconductors

74LV273 Datasheet PDF - NXP Semiconductors
Part No. 74LV273
Download  74LV273 Click to view

File Size   117.42 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop with reset; positive-edge trigger

74LV273 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV273 Datasheet PDF - NXP Semiconductors

Part No. 74LV273
Download  74LV273 Click to view

File Size   117.42 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop with reset; positive-edge trigger

74LV273 Datasheet (HTML) - NXP Semiconductors

Back Button 74LV273 Datasheet HTML 1Page - NXP Semiconductors 74LV273 Datasheet HTML 2Page - NXP Semiconductors 74LV273 Datasheet HTML 3Page - NXP Semiconductors 74LV273 Datasheet HTML 4Page - NXP Semiconductors 74LV273 Datasheet HTML 5Page - NXP Semiconductors 74LV273 Datasheet HTML 6Page - NXP Semiconductors 74LV273 Datasheet HTML 7Page - NXP Semiconductors 74LV273 Datasheet HTML 8Page - NXP Semiconductors 74LV273 Datasheet HTML 9Page - NXP Semiconductors 74LV273 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LV273 Product details

DESCRIPTION
The 74LV273 is a low-voltage Si-gate CMOS device and is pin and function compatible with the 74HC/HCT273.

FEATURES
• Wide operating voltage: 1.0 to 5.5V
• Optimized for Low Voltage applications: 1.0 to 3.6V
• Accepts TTL input levels between VCC = 2.7V and VCC = 3.6V
• Typical VOLP (output ground bounce)  0.8V @ VCC = 3.3V, Tamb = 25°C
• Typical VOHV (output VOH undershoot)  2V @ VCC = 3.3V, Tamb = 25°C
• Ideal buffer for MOS microprocessor or memory
• Common clock and master reset
• Output capability: standard
• ICC category: MSI



Similar Part No. - 74LV273

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LV27 PHILIPS-74LV27 Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27D PHILIPS-74LV27D Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27DB PHILIPS-74LV27DB Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27N PHILIPS-74LV27N Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27PW PHILIPS-74LV27PW Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
More results

Similar Description - 74LV273

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
NXP Semiconductors
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
NXP Semiconductors
NXP Semiconductors
74HC273 PHILIPS-74HC273 Datasheet
58Kb / 8P
   Octal D-type flip-flop with reset; positive-edge trigger
September 1993
74ALVC374 PHILIPS-74ALVC374 Datasheet
94Kb / 20P
   Octal D-type flip-flop positive edge-trigger
2002 Feb 26
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz