Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G524A Datasheet (PDF) - Global Mixed-mode Technology Inc

G524A Datasheet PDF - Global Mixed-mode Technology Inc
Part # G524A_V01
Download  G524A Download

File Size   2434.96 Kbytes
Page   19 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Power Distribution Switch

G524A Datasheet (PDF)

Go To PDF Page Download Datasheet
G524A Datasheet PDF - Global Mixed-mode Technology Inc

Part # G524A_V01
Download  G524A Click to download

File Size   2434.96 Kbytes
Page   19 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Power Distribution Switch

G524A Datasheet (HTML) - Global Mixed-mode Technology Inc

Back Button G524A_V01 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G524A_V01 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G524A_V01 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G524A_V01 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G524A_V01 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G524A_V01 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G524A_V01 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G524A_V01 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G524A_V01 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G524A_V01 Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button 

G524A Product details

Features
- 70mΩ High-Side MOSFET (G524A,G524B,G524C,G524D)
- Available with 4 Versions of Current Limits with Foldback
- Operating Range:2.7V to 5.5V
- 1mS Typical Rise Time
- Fast Overcurrent Response -1.5μs (TYPICAL)
- Under voltage Lockout
- 130μA Quiescent Supply Current
- 1μA Maximum Shutdown Supply Current
- Logic Level Enable Pin, Available with Active-High or Active-Low Version
- No Reverse Current when Power Off
- Deglitched Open-Drain Over-Current Flag Output (OC )
- Available with or without Output Shutdown Pull-low Resister
- Output Reverse-Voltage Protection
- SOT-23-5, TSOT-23-6, MSOP-8 and MSOP-8 (FD) Packages
- UL Certification_#E232223
- CB Test Certification by IEC 60950-1:2005 (2nd Edition); Am 1:2009 + Am 2:2013

Applications
- High-Side Power Protection Switch
- USB Power Management
- USB Host and Self-Powered Bubs
- USB Bus-Powered Hubs
- Hot Plug-In Power Supplies
- Battery-Charger Circuits




Similar Part No. - G524A_V01

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G524A GMT-G524A Datasheet
109Kb / 1P
   Power Distribution Switch
More results


Similar Description - G524A_V01

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Unisonic Technologies
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
   Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
   Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
   Power Distribution Switch
G548S GMT-G548S Datasheet
123Kb / 1P
   Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
   Power Distribution Switch
G557 GMT-G557 Datasheet
75Kb / 1P
   Power Distribution Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com