Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet (PDF) - Nisshinbo Micro Devices Inc.

RP114X Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # RP114X
Download  RP114X Download
File Size   1571.72 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 300 mA LDO REGULATOR

RP114X Datasheet (PDF)

Go To PDF Page Download Datasheet
RP114X Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # RP114X
Download  RP114X Click to download

File Size   1571.72 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 300 mA LDO REGULATOR

RP114X Datasheet (HTML) - Nisshinbo Micro Devices Inc.


RP114X Product details

FEATURES
• Supply Current................................................................Typ. 50μA
• Standby Current .............................................................Typ. 0.1μA
• Input Voltage Range.......................................................1.4V to 5.25V
• Output Voltage Range(1) .................................................0.8V to 3.6V (0.1V steps)
• Output Voltage Accuracy ................................................±1.0% (VSET>2.0V, Ta = 25°C)
• Temperature-Drift Coefficient of Output Voltage.............Typ. ±80ppm/°C
• Dropout Voltage..............................................................Typ. 0.25V (IOUT = 300mA, VSET = 2.8V)
• Ripple Rejection .............................................................Typ. 75dB (f=1kHz)
• Line Regulation...............................................................Typ. 0.02%/V
SC-88A、SOT-23-5
• Built-in Fold Back Protection Circuit ...............................Typ. 60mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC ...... 1.0μF or more

APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.
• Packages ·························································· DFN(PL)1010-4、DFN(PL)1010-4B、




Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results


Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com